Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N60G-TM3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 4N60G-TM3-T
Description  N-CHANNEL JUNCTIN SILICON FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N60G-TM3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  4N60G-TM3-T Datasheet HTML 1Page - Unisonic Technologies 4N60G-TM3-T Datasheet HTML 2Page - Unisonic Technologies 4N60G-TM3-T Datasheet HTML 3Page - Unisonic Technologies 4N60G-TM3-T Datasheet HTML 4Page - Unisonic Technologies 4N60G-TM3-T Datasheet HTML 5Page - Unisonic Technologies 4N60G-TM3-T Datasheet HTML 6Page - Unisonic Technologies 4N60G-TM3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4N60-E
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-970.C
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
4N60L-TA3-T
4N60G-TA3-T
TO-220
G
D
S
-
-
-
-
-
Tube
4N60L-TF3-T
4N60G-TF3-T
TO-220F
G
D
S
-
-
-
-
-
Tube
4N60L-TF1-T
4N60G-TF1-T
TO-220F1
G
D
S
-
-
-
-
-
Tube
4N60L-TF2-T
4N60G-TF2-T
TO-220F2
G
D
S
-
-
-
-
-
Tube
4N60L-TF3T-T
4N60G-TF3T-T
TO-220F3
G
D
S
-
-
-
-
-
Tube
4N60L-TM3-T
4N60G-TM3-T
TO-251
G
D
S
-
-
-
-
-
Tube
4N60L-TMS-T
4N60G-TMS-T
TO-251S
G
D
S
-
-
-
-
-
Tube
4N60L-TMS2-T
4N60G-TMS2-T
TO-251S2
G
D
S
-
-
-
-
-
Tube
4N60L-TMS4-T
4N60G-TMS4-T
TO-251S4
G
D
S
-
-
-
-
-
Tube
4N60L-TN3-R
4N60G-TN3-R
TO-252
G
D
S
-
-
-
-
-
Tape Reel
4N60L-TND-R
4N60G-TND-R
TO-252D
G
D
S
-
-
-
-
-
Tape Reel
4N60L-T2Q-T
4N60G-T2Q-T
TO-262
G
D
S
-
-
-
-
-
Tube
4N60L-TQ2-R
4N60G-TQ2-R
TO-263
G
D
S
-
-
-
-
-
Tape Reel
4N60L-TQ2-T
4N60G-TQ2-T
TO-263
G
D
S
-
-
-
-
-
Tube
-
4N60G-K08-5060-R
DFN-8(5×6)
S
S
S
G
D
D
D
D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING
PACKAGE
MARKING
TO-220
TO-220F
TO-220F1
TO-220F2
TO-220F3
TO-251
TO-251S
TO-251S2
TO-251S4
TO-252
TO-252D
TO-262
TO-263
DFN-8(5×6)


Similar Part No. - 4N60G-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60G-TM3-T UTC-4N60G-TM3-T Datasheet
376Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
4N60G-TM3-T UTC-4N60G-TM3-T Datasheet
408Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
4N60G-TM3-T UTC-4N60G-TM3-T Datasheet
432Kb / 9P
   N-CHANNEL ENHANCEMENT MODE MOSFET
4N60G-TM3-T UTC-4N60G-TM3-T Datasheet
253Kb / 7P
   N-CHANNEL POWER MOSFET
4N60G-TM3-T UTC-4N60G-TM3-T Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 4N60G-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3458 UTC-UT3458_15 Datasheet
180Kb / 4P
   N-CHANNEL JUNCTIN SILICON FET
4N70K-TA UTC-4N70K-TA Datasheet
271Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
4N60K-MT UTC-4N60K-MT Datasheet
241Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
2N50K-TA UTC-2N50K-TA Datasheet
208Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
11NM40 UTC-11NM40 Datasheet
229Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
13N50K UTC-13N50K Datasheet
208Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
2N70K UTC-2N70K_15 Datasheet
283Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
3N70K-MK UTC-3N70K-MK Datasheet
212Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
UT4114 UTC-UT4114 Datasheet
179Kb / 4P
   N-CHANNEL JUNCTIN SILICON FET
2SK3666 UTC-2SK3666 Datasheet
150Kb / 4P
   N-CHANNEL JUNCTIN SILICON FET
UT75N03 UTC-UT75N03_15 Datasheet
197Kb / 3P
   N-CHANNEL JUNCTIN SILICON FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com