Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1H816G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # ISO1H816G
Description  Galvanic Isolated 8 Channel High-Side Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISO1H816G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button ISO1H816G_14 Datasheet HTML 2Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 3Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 4Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 5Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 6Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 7Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 8Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 9Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Datasheet
6
Revision 2.4, 2014-10-20
ISOFACE™
ISO1H816G
Pin Configuration and Functionality
1.2
Pin Functionality
VCC (Positive 3.3/5V logic supply)
The
VCC
supplies
the
input
interface
that
is
galvanically isolated from the output driver stage. The
input interface can be supplied with 3.3V / 5V.
DIS (Output disable)
The
high-side
outputs
OUT0...OUT7
can
be
immediately switched off by means of the low active pin
DIS that is an asynchronous signal. The input registers
are also reset by the DIS signal. The output remains
switched off after low-high transient of DIS, till new data
is written into the input interface. Current Sink to
GNDCC
CS (Chip select)
The system microcontroller selects the ISO1H816G by
means of the low active pin CS to activate the interface.
Current Source to VCC
SCLK (Serial shift clock)
SCLK (serial clock) is used to synchronize the data
transfer between the master and the ISO1H816G. Data
present at the SI pin are latched on the rising edge of
the serial clock input, while data at the SO pin is
updated after the falling edge of SCLK.
Current Source to VCC
SI (Serial data input)
This pin is used to transfer data into the device. Data is
latched on the rising edge of the serial clock. Current
Sink to GNDCC
SO (Serial data output)
SO can be connected to a serial input of a further IC to
build a daisy-chain configuration. It is only actvated if
CS is in low state, otherwise this output is in high
impedance state.
DIAG (Common diagnostic output)
The low active DIAG signal contains the OR-wired
information of the separated overtemperature detection
units for each channel.The output pin DIAG provides an
open drain functionality. A current source is also
connected to the pin DIAG. In normal operation the
signal DIAG is high. When overtemperature or Vbb
below ON-Limit is detected the signal DIAG changes to
low.
GNDCC (Ground for VCC domain)
This pin acts as the ground reference for the input
interface that is supplied by VCC.
GNDbb (Output driver ground domain)
This pin acts as the ground reference for the output
driver that is supplied by Vbb.
OUT0 ... OUT7 (High side output channel 0 ... 7)
The output high side channels are internally connected
to Vbb and controlled by the corresponding data input.
TAB (Vbb, Positive supply for output driver)
The heatslug is connected to the positive supply port of
the output interface.


Similar Part No. - ISO1H816G_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISO1H816G INFINEON-ISO1H816G Datasheet
1Mb / 22P
   Coreless Transformer Isolated Digital Output 8 Channel 1.2A High-Side Switch
Version 2.0, July 2009
More results

Similar Description - ISO1H816G_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISO2H823V25 INFINEON-ISO2H823V25 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H811G INFINEON-ISO1H811G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.5, 2014-10-17
ISO1H815G INFINEON-ISO1H815G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
ISO2H823V2.5 INFINEON-ISO2H823V2.5 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H812G INFINEON-ISO1H812G_14 Datasheet
1Mb / 23P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.6, 2014-10-17
logo
Semtech Corporation
TS13101 SEMTECH-TS13101 Datasheet
555Kb / 10P
   Galvanic Isolated Latching 60V Power Load Switch
logo
STMicroelectronics
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
   Galvanic isolated octal high-side smart power solid state relay
ISO8200BQ STMICROELECTRONICS-ISO8200BQ Datasheet
1Mb / 37P
   Galvanic isolated octal high-side smart power solid state-relay
April 2017 Rev 4
logo
Semtech Corporation
TS13001 SEMTECH-TS13001 Datasheet
125Kb / 10P
   Galvanic Isolated Blocking 56V Power Load Switch
logo
Infineon Technologies A...
ISO1H801G INFINEON-ISO1H801G Datasheet
1Mb / 19P
   Coreless Transformer Isolated Digital Output 8 Channel 0.625A High-Side Switch
Version 2.3, Sep 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com