Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1H816G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # ISO1H816G
Description  Galvanic Isolated 8 Channel High-Side Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISO1H816G Datasheet(HTML) 4 Page - Infineon Technologies AG

  ISO1H816G_14 Datasheet HTML 1Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 2Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 3Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 4Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 5Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 6Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 7Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 8Page - Infineon Technologies AG ISO1H816G_14 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Type
On-state Resistance
Package
ISO1H816G
200m
Ω
PG-DSO36
Datasheet
4
Revision 2.4, 2014-10-20
ISOFACE™
ISO1H816G
Coreless Transformer Isolated Digital
Output 8 Channel 1.2 A High-Side Switch
Product Highlights
• Coreless transformer isolated data interface
• Galvanic isolation
• 8 High-side output switches 1.2A
• µC compatible 8-bit serial peripheral
ISO1H816G
µC (i.e C166)
AD0
P0.0
P0.1
P1.x
VCC
VCC
Serial
Interface
Control
Unit
CT
Control
&
Protectio
n Unit
CS
SCLK
SI
DIS
VCC
GNDCC
GNDbb
GND
OUT7
Vbb
Vbb
OUT1
OUT0
Typical Application
DIAG
DIAG
SO
for daisy chain
Features
Interface CMOS 3.3/5V operation compatible
Serial Interface
High common mode transient immunity
Short circuit protection
Maximum current internally limited
Overload protection
Overvoltage protection (including load dump)
Undervoltage
shutdown
with
autorestart
and
hysteresis
Switching inductive loads
Common output disable pin
Thermal shutdown with restart
Thermal independence of separate channels
Common diagnostic output
ESD protection
Loss of GNDbb and loss of V
bb protection
Very low standby current
Reverse battery protection
Isolated return path for DIAG signal
•V
bb monitoring
RoHS compliant
Typical Application
Isolated switch for industrial applications (PLC)
All types of resistive, inductive and capacitive loads
µC
compatible
power
switch
for
24V
DC
applications
Driver for solenoid, relays and resistive loads
Description
The ISO1H816G is a galvanically isolated 8 bit data
interface in PG-DSO-36 package that provides 8 fully
protected high-side power switches that are able to
handle currents up to 1.2 A.
A serial µC compatible interface allows to connect the
IC directly to a µC system. The input interface is
designed to operate with 3.3/5V CMOS compatible
levels.
The data transfer from input to output side is realized by
the integrated Coreless Transformer Technology.


Similar Part No. - ISO1H816G_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISO1H816G INFINEON-ISO1H816G Datasheet
1Mb / 22P
   Coreless Transformer Isolated Digital Output 8 Channel 1.2A High-Side Switch
Version 2.0, July 2009
More results

Similar Description - ISO1H816G_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISO2H823V25 INFINEON-ISO2H823V25 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H811G INFINEON-ISO1H811G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.5, 2014-10-17
ISO1H815G INFINEON-ISO1H815G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
ISO2H823V2.5 INFINEON-ISO2H823V2.5 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H812G INFINEON-ISO1H812G_14 Datasheet
1Mb / 23P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.6, 2014-10-17
logo
Semtech Corporation
TS13101 SEMTECH-TS13101 Datasheet
555Kb / 10P
   Galvanic Isolated Latching 60V Power Load Switch
logo
STMicroelectronics
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
   Galvanic isolated octal high-side smart power solid state relay
ISO8200BQ STMICROELECTRONICS-ISO8200BQ Datasheet
1Mb / 37P
   Galvanic isolated octal high-side smart power solid state-relay
April 2017 Rev 4
logo
Semtech Corporation
TS13001 SEMTECH-TS13001 Datasheet
125Kb / 10P
   Galvanic Isolated Blocking 56V Power Load Switch
logo
Infineon Technologies A...
ISO1H801G INFINEON-ISO1H801G Datasheet
1Mb / 19P
   Coreless Transformer Isolated Digital Output 8 Channel 0.625A High-Side Switch
Version 2.3, Sep 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com