Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD110-B1-02EL Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # ESD110-B1-02EL
Description  ESD / transient protection according to
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD110-B1-02EL Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button ESD110-B1-02EL Datasheet HTML 2Page - Infineon Technologies AG ESD110-B1-02EL Datasheet HTML 3Page - Infineon Technologies AG ESD110-B1-02EL Datasheet HTML 4Page - Infineon Technologies AG ESD110-B1-02EL Datasheet HTML 5Page - Infineon Technologies AG ESD110-B1-02EL Datasheet HTML 6Page - Infineon Technologies AG ESD110-B1-02EL Datasheet HTML 7Page - Infineon Technologies AG ESD110-B1-02EL Datasheet HTML 8Page - Infineon Technologies AG ESD110-B1-02EL Datasheet HTML 9Page - Infineon Technologies AG ESD110-B1-02EL Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ESD110-B1 Series
Typical Characteristics Diagrams
Final Data Sheet
6
Revision 1.4, 2014-10-23
4
Typical Characteristics Diagrams
Typical characteristics diagrams at T
A=25°C, unless otherwise specified
Figure 4-1 Reverse leakage current: IR = f(VR)
Figure 4-2 Line capacitance: CL = f(VR)
10
-12
10
-11
10
-10
10
-9
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
0
5
10
15
20
VR [V]
0
0.1
0.2
0.3
0.4
0.5
0.6
0
2
4
6
8
10
12
14
16
18
20
VR [V]
1 MHz
1 GHz


Similar Part No. - ESD110-B1-02EL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESD110 ETC-ESD110 Datasheet
921Kb / 2P
   Bluetooth-serial Module
logo
Socay Electornics Co., ...
ESD110V12D-A SOCAY-ESD110V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD110V12D-A SOCAY-ESD110V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD110V12D-A SOCAY-ESD110V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD110V12D-A SOCAY-ESD110V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - ESD110-B1-02EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD218-B1 INFINEON-ESD218-B1 Datasheet
788Kb / 15P
   ESD / transient protection according to
Revision 1.1, 2015-01-13
ESD217-B1-02EL INFINEON-ESD217-B1-02EL Datasheet
420Kb / 13P
   ESD / transient protection according to
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
GSOT05 AITSEMI-GSOT05 Datasheet
527Kb / 7P
   ESD PROTECTION DIODE TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
GSOT04C AITSEMI-GSOT04C Datasheet
551Kb / 8P
   ESD PROTECTION DUAL TRANSIENT VOLTAGE SUPPRESSORS ARRAY FOR ESD PROTECTION
REV1.2
logo
AMAZING Microelectronic...
AZ2015-02S AMAZING-AZ2015-02S Datasheet
206Kb / 8P
   Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com