Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-383Q Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-383Q
Description  Plug with Crimp Removable Contacts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-383Q Datasheet(HTML) 1 Page - Glenair, Inc.

  240-383Q Datasheet HTML 1Page - Glenair, Inc. 240-383Q Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
B-32
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in inches (millimeters) and are subject to change without notice.
B
240-383Q
MIL-DTL-38999 Series III Type Filter Connector
Plug with Crimp Removable Contacts
Notes
1. Crimp removable contacts to conform to MIL-C-39029/57-358, Size 16,
MIL-C-39029/57-357 Size 20, and MIL-C-39029/57-354 Size 22D (Supplied loose).
2. Other filter styles (C-L, L-C, Unbalanced Pi, Multi-Stage, Multi-Value) are available, please
consult the factory.
How To Order
Sample Part Number
240-383
Q
ME 15-35 P
C
P
A
N
N
Filter Connector
MIL-DTL-38999 Series III Type
Shell Style
Q = Plug with Crimp Contacts
Connector Class
See Table I
Insert Arrangement
IAW MIL-STD-1560. (See pages B-28 – B-29)
Contact Gender
P = Pin S = Socket
Termination
C = Crimp
Filter Type
P = Pi Circuit C = C Circuit (See Note 2)
Capacitance
See Table II
Flange Mounting Style
N = Not Applicable
Alternate Key Position
A, B, C, D, E, N = Normal (See page B-29)
D38999 SERIES III TYPE PLUGS WITH CRIMP REMOVABLE CONTACTS
Max
2.170 (55.1)
Max
Ø CC
Max
Ø DD
Max Grommet
See Note 1
.085 (2.16)
EE Thread
RFI Ground Spring
Master Key
Blue Band
14
114
58
36
115
128
125
122
121
105
94
104
93
82
71
81
47
48
70
59
35
25
24
15
7
8
4
1


Similar Part No. - 240-383Q

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-383 GLENAIR-240-383 Datasheet
315Kb / 1P
   Filter Connector with Threaded Coupling
240-383A GLENAIR-240-383A Datasheet
107Kb / 2P
   Connector Adapter
240-383AH215-35PSC GLENAIR-240-383AH215-35PSC Datasheet
395Kb / 2P
   Filter Connector, Connector Adapter
240-383AH215-35PSP GLENAIR-240-383AH215-35PSP Datasheet
395Kb / 2P
   Filter Connector, Connector Adapter
240-383AH215-35SPC GLENAIR-240-383AH215-35SPC Datasheet
395Kb / 2P
   Filter Connector, Connector Adapter
More results

Similar Description - 240-383Q

ManufacturerPart #DatasheetDescription
logo
C&K Components
MDMA CK-COMPONENTS-MDMA Datasheet
3Mb / 8P
   Microminiature connectors with removable crimp contacts
MDMB CK-COMPONENTS-MDMB Datasheet
1Mb / 8P
   Microminiature connectors with removable crimp contacts
logo
Glenair, Inc.
240-383SM15-35P GLENAIR-240-383SM15-35P Datasheet
357Kb / 2P
   Jam Nut Receptacle with Crimp Removable Contacts
240-381R GLENAIR-240-381R Datasheet
98Kb / 2P
   Wall Mount Receptacle with Crimp Removable Contacts
240-384S GLENAIR-240-384S Datasheet
106Kb / 2P
   Jam Nut Receptacle with Crimp Removable Contacts
240-383R GLENAIR-240-383R Datasheet
135Kb / 2P
   Wall Mount Receptacle with Crimp Removable Contacts
240-383S GLENAIR-240-383S Datasheet
120Kb / 2P
   Jam Nut Receptacle with Crimp Removable Contacts
240-383RM15-35P GLENAIR-240-383RM15-35P Datasheet
422Kb / 2P
   Wall Mount Receptacle with Crimp Removable Contacts
240-384R GLENAIR-240-384R Datasheet
104Kb / 2P
   Wall Mount Receptacle with Crimp Removable Contacts
240-381S GLENAIR-240-381S Datasheet
92Kb / 2P
   Jam Nut Receptacle with Crimp Removable Contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com