Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002DW Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # 2N7002DW
Description  Dual N-channel
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2N7002DW Datasheet(HTML) 3 Page - Infineon Technologies AG

  2N7002DW_14 Datasheet HTML 1Page - Infineon Technologies AG 2N7002DW_14 Datasheet HTML 2Page - Infineon Technologies AG 2N7002DW_14 Datasheet HTML 3Page - Infineon Technologies AG 2N7002DW_14 Datasheet HTML 4Page - Infineon Technologies AG 2N7002DW_14 Datasheet HTML 5Page - Infineon Technologies AG 2N7002DW_14 Datasheet HTML 6Page - Infineon Technologies AG 2N7002DW_14 Datasheet HTML 7Page - Infineon Technologies AG 2N7002DW_14 Datasheet HTML 8Page - Infineon Technologies AG 2N7002DW_14 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2N7002DW
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
13
20
pF
Output capacitance
C oss
-
4.1
6
Reverse transfer capacitance
Crss
-
2.0
3
Turn-on delay time
t d(on)
-
3.0
4.5
ns
Rise time
t r
-
3.3
5
Turn-off delay time
t d(off)
-
5.5
9
Fall time
t f
-
3.1
5
Gate Charge Characteristics
Gate to source charge
Q gs
-
0.05
0.1
nC
Gate to drain charge
Q gd
-
0.2
0.4
Gate charge total
Q g
-
0.4
0.6
Gate plateau voltage
V plateau
-
4.0
-
V
Reverse Diode
Diode continous forward current
I S
-
-
0.3
A
Diode pulse current
I S,pulse
-
-
1.2
Diode forward voltage
V SD
V GS=0 V, I F=0.5 A,
T j=25 °C
-
0.96
1.2
V
Reverse recovery time
t rr
-
8.5
13
ns
Reverse recovery charge
Q rr
-
2.4
4
nC
V R=30 V, I F=0.5 A,
di F/dt =100 A/µs
T A=25 °C
Values
V GS=0 V, V DS=25 V,
f =1 MHz
V DD=30 V, V GS=10 V,
I D=0.5 A, R G,ext=6 W
V DD=48 V, I D=0.5 A,
V GS=0 to 10 V
Rev.2.3
page 3
2014-09-19


Similar Part No. - 2N7002DW_14

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
More results

Similar Description - 2N7002DW_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSD840N INFINEON-BSD840N_14 Datasheet
442Kb / 9P
   Dual N-channel
Rev 2.4 2014-09-19
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
logo
List of Unclassifed Man...
LVS2201N ETC1-LVS2201N Datasheet
138Kb / 5P
   Dual N-Channel PowerJFET
logo
New Jersey Semi-Conduct...
2N5566 NJSEMI-2N5566 Datasheet
93Kb / 1P
   DUAL N-CHANNEL JFET
logo
Guangdong Kexin Industr...
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com