Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEK-TUM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEK-TUM
Description  3.5??Intel짰 Atom??N455 based SBC with VGA, LVDS, Dual LAN, 4 USB and 2 COM Ports
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEK-TUM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEK-TUM Datasheet HTML 1Page - List of Unclassifed Manufacturers LEK-TUM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
connect@lannerinc.com | www.lannerinc.com
System
CPU
Intel® Atom™ N455 Processors
BIOS
AMI 16Mbit SPI BIOS
System Chipset
Intel® ICH8M Chipset
System Memory
One 204-pin SODIMM Socket, Supports Up to 2 GB DDR3 SDRAM
Expansion
Mini-PCIe socket (by optional LEK-TUM)
I/O
MIO
1 x SATA ports, 1 x internal type I/II CF socket
USB
2 x USB 2.0 Type A, 2 x USB pin header
DIO
1 x 2x5 pin header for 4-in and 4-out digital I/O
Display
Chipset
Intel Integrated Graphics
VGA
1
LVDS
1 x 2x15-pin LVDS output, Single-channel 18-bit LVDS
Audio
Chipset
Realtek ALC886 HD audio codec
Interface
1 x 2x5 pin header to support Line-out and Mic-in
Ethernet
LAN Chip
2 x Realtek RTL8111E PCI express 1x Ethernet controller
Ethernet Interface
RJ45 with LED, 10/100/1000Mbps
Mechanical & Environmental
Power Requirement
+12V DC-in
Cooling
2 heatsinks
Power Type
ATX
Operating Temperature
-20 ~ 60°C (-4 ~ 140°F)
Storage Temperature
-20 ~ 70°C (-4 ~ 158°F)
Operating Humidity
5% ~ 95% Relative Humidity, Non-condensing
Size (L x W)
146 mm x 105 mm
Weight
0.2 kg (0.44 lbs)
Specifications
Ordering Information
VES-310 v2.1
3.5” Intel® Atom™ N455 based SBC with VGA, LVDS, Dual LAN, 4 USB and 2 COM Ports
LEK-TUM
Mini-PCIe socket module with SIM card reader for VES-310


Similar Part No. - LEK-TUM

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LEK-IG401 LANNER-LEK-IG401 Datasheet
435Kb / 1P
   Industrial Grade 4-port GbE RJ45 PCIe Expansion Network Interface Card
v1-2021,8,26
LEK-IS401 LANNER-LEK-IS401 Datasheet
444Kb / 1P
   Industrial Grade 4-port GbE SFP PCIe Expansion Network Interface Card
v1-2021,8,26
More results

Similar Description - LEK-TUM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VES-300 ETC2-VES-300 Datasheet
286Kb / 2P
   3.5?쒲ntel Atom based SBC with with VGA, dual LAN, audio, 6 USB and 4 COM ports
logo
Advantech Co., Ltd.
PCA-6012 ADVANTECH-PCA-6012 Datasheet
2Mb / 2P
   Intel짰 Atom??N455/D525 SBC with VGA/Dual GbE LAN
PCA-6013VG-00A1E ADVANTECH-PCA-6013VG-00A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N455/D525 SBC with VGA/Dual GbE LAN
PCM-9381 ADVANTECH-PCM-9381 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, DVI, LAN, USB
PCM-3363 ADVANTECH-PCM-3363 Datasheet
718Kb / 2P
   Intel짰 Atom??N455/D525 PCI-104,SBC, VGA, LVDS, Ethernet, USB,COM, SATA, Onboard Memory
PCM-9380 ADVANTECH-PCM-9380 Datasheet
362Kb / 2P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, LAN, USB, MIO
PCM-9363 ADVANTECH-PCM-9363_12 Datasheet
1Mb / 2P
   Intel짰 Atom??N455/D525 3.5" SBC, DDR3, 18/24-bit LVDS, VGA or HDMI, 2 GbE, Mini PCIe, 3 COM Ports
AIMB-210 ADVANTECH-AIMB-210 Datasheet
1Mb / 3P
   Intel짰 ATOM??Mini-ITX with VGA/LVDS, 6 COM, and Dual LAN
PCM-9387 ADVANTECH-PCM-9387 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, DVI, LAN, USB
09-Nov-2009
PCM-9386 ADVANTECH-PCM-9386 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, LAN, USB, MIO
09-Nov-2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com