Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVC-5570D4-CA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LVC-5570D4-CA
Description  Fanless In-Vehicle Computer with Intel Celeron 1020E Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVC-5570D4-CA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LVC-5570D4-CA Datasheet HTML 1Page - List of Unclassifed Manufacturers LVC-5570D4-CA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

connect@lannerinc.com

www.lannerinc.com
3G Voice Communication
This vehicle PC supports 3G
voice communication which
allows people can communicate
with operating center through
voice directly. (Validated MC-
8090/8092 3G module Only)
Convenient DC Output
LVC-5570 offer 9~36VDC (max
10A) output for external devices.
It can be enabled or disabled via
software.
Dual Front Access SIM Card
Reader
The external SIM card readers,
allowing end-users to change
or install a SIM card without
opening the case.
LVC-5570D4-CA FanlessIn-VehicleComputerwith
Intel Celeron 1020E Processor
Features
Fanless Design with
Corrugated Aluminum
The corrugated aluminum casing
allow heat to dissipate off the
top of the platform allowing for a
fanless design.
Design for MIL-STD-810G with
Extreme Vibration Resistance
LVC-5570 is in compliance with
MIL-STD-810G in vibration and
shock with SSD storage. The
Suspension Kit is also available for
further harsh environment.
Vehicle Ignition Power
Management
Detect the ignition on/off status
and allow controlling delay time
by flexible setting via utility.
Design for Extreme Operating
temperature
This product is ruggedized to
support a wider than usual range
of temperatures. Outfitted with
industrial components (SSD,
Memory) this appliance can thrive
in harsh conditions.
Diversity of Digital Input/
Output Support
Besides 4x DI, 3x DO with 12V
TTL level for easy usage with
vehicle parts., additionally LVC-
5570 supports 2x DI (5V TTL for
MCU) which can connect sensors
to detect the environment. Once
certain events occur, LVC-5570
can be turned on automatically.
Dimensions: 276.52 x 190 x 85.26mm
276.52
308
85.26
28.6
190
2x LAN
4x USB
2x USB
2x COM
9~36VDC
Power IN
DC In/Out
Removable
HDD/SSD
Removable
HDD/SSD
VGA
DVI-D
HDMI
Antenna
Dual SIM
3G Audio PC Audio


Similar Part No. - LVC-5570D4-CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVC-5570 ETC2-LVC-5570 Datasheet
512Kb / 4P
   Fanless In-Vehicle Computer with Intel Core i7-3517UE Processor
LVC-5570-7C ETC2-LVC-5570-7C Datasheet
512Kb / 4P
   Fanless In-Vehicle Computer with Intel Core i7-3517UE Processor
More results

Similar Description - LVC-5570D4-CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVC-5570 ETC2-LVC-5570 Datasheet
512Kb / 4P
   Fanless In-Vehicle Computer with Intel Core i7-3517UE Processor
logo
Adlink Technology Inc.
MXE-1400V ADLINK-MXE-1400V Datasheet
216Kb / 2P
   Intel Atom Processor E3845 SoC Fanless Embedded Computer for In-Vehicle
logo
List of Unclassifed Man...
LVC-1000 ETC2-LVC-1000 Datasheet
293Kb / 2P
   Fanless Vehicle Computer with Intel Quark X1001
logo
AAEON Technology
BOXER-6405 AAEON-BOXER-6405 Datasheet
309Kb / 2P
   Fanless Compact Embedded Computer with Intel® Celeron/Pentium™ Processor
AHP-2176 AAEON-AHP-2176 Datasheet
421Kb / 2P
   17??Rugged Fanless Touch Panel Computer With Intel Celeron 827E Processor
VPC-5600S AAEON-VPC-5600S Datasheet
185Kb / 1P
   Fanless In-Vehicle Network Video Recorder with Intel Processor
ACP-5217 AAEON-ACP-5217 Datasheet
462Kb / 2P
   21.5??Fanless Multi-Touch Computer With Intel Core??i7/i5/Celeron Processor
BOXER-6405M AAEON-BOXER-6405M Datasheet
358Kb / 2P
   Fanless Compact Embedded Computer with Intel® Celeron®/Pentium® Processor
ACP-5187 AAEON-ACP-5187 Datasheet
325Kb / 2P
   18.5??Fanless Multi-Touch Computer With Intel Core??i7/i5/Celeron Processor
logo
Axiomtek Co., Ltd.
GOT5153W-834 AXIOMTEK-GOT5153W-834 Datasheet
404Kb / 2P
   15.6 WXGA TFT Fanless Touch Panel Computer with Intel Celeron Processor J1900
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com