Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEC-6040M-B1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LEC-6040M-B1
Description  Industrial Box PC with Intel짰 Haswell CPU for Industrial Cyber Security Gateway
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-6040M-B1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LEC-6040M-B1 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-6040M-B1 Datasheet HTML 2Page - List of Unclassifed Manufacturers LEC-6040M-B1 Datasheet HTML 3Page - List of Unclassifed Manufacturers LEC-6040M-B1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary Specifications
Processor Options
Intel® Core™ i3-4102E or Core™ i5-4402E
Chipset
Intel QM87
BIOS
AMI SPI Flash BIOS
System
Memory
Sockets
1 x 204-pin DDR3L SODIMM socket
Technology
DDR3L 1333 or 1600 MHz, unbuffered, Non-ECC
Max. Capacity
8 GB
USB
2x External USB 3.0 ports
1x Internal USB 2.0 port
Expansion Bus
1 x full-sized mini PCIe socket for WWAN module (for PCI Express & USB & SIM card)
1 x half-sized mini PCIe, support WLAN module (for USB) or mSATA storage
OS Support
Microsoft Windows 7 Embedded, Window 7, Linux 2.6
Storage
NAND Flash
None
HDD Support
2.5” SATA* 1 + M SATA Mini * 1
Expansion
CompactFlash socket Type I/II x1
Networking
LAN
B1: 4x GbE LAN ports, B2: 6x GbE LAN ports, 2 SFP ports, B3: 8x GbE LAN ports
Controller
-Intel I210 Gigabit Ethernet Controller
Magnetic Isolation
Protection
1.5 KV built-in
Serial Interface
Serial Standard
-1x DB9 supports software RS-232 (3 pin: RxD,TxD,GND) with Isolation and Protection
ESD Protection
15 KV for all signals
Serial Signals
RS-232
Rx, Tx, GND
Baudrate
Supports 50 bps to 115.2 kbps
Display
Graphics Controller Intel® HD 4600
Display Interface
internal pinheader
LEDs
LCD connector for 1x Power on for LED in Green, 1x Storage access LED in Yellow
16x double stack LED for Ethernet active/link status, 1 x COM for LED in Yellow/Green
4x double stack LED for Programmable (Green)
Physical
Characteristics
Housing
Steel, Aluminium
Weight
2.5 kg
Dimensions(WxHxD) 68 x 210 x 190 mm
Mounting Options
DIN rail and wall mount
Environment
Operating Tempera-
ture
-20~55°C
Storage Temperature -40~80°C
Ambient Relative
Humidity
5 to 95% (non-condensing)
Power
Input Voltage
Single 12Vdc power input w/ 2xpin Phoenix Contact connector
Power Consumption TBD
Connector
2-pin terminal block
Standard and
Regulation
EMC
CE, FCC
Green product
RoHS
Reliability
Alter tool
Built-in buzzer and RTC (real-time clock) with lithium battery backup
Automatic Reboot
Trigger
Watchdog Timer 1~255 level time interval system reset, software programmable
Warranty
2 years
MTBF
TBD


Similar Part No. - LEC-6040M-B1

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LEC-6041 LANNER-LEC-6041 Datasheet
619Kb / 2P
   IEC 61850-3 Wide Temperature ICS Cyber Security Gateway with Intel Atom CPU
LEC-6041A LANNER-LEC-6041A Datasheet
619Kb / 2P
   IEC 61850-3 Wide Temperature ICS Cyber Security Gateway with Intel Atom CPU
LEC-6041B LANNER-LEC-6041B Datasheet
619Kb / 2P
   IEC 61850-3 Wide Temperature ICS Cyber Security Gateway with Intel Atom CPU
More results

Similar Description - LEC-6040M-B1

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LEC-6032C LANNER-LEC-6032C Datasheet
248Kb / 2P
   Industrial Grade Cyber Security Appliance with Intel짰 Atom??E3845 Processor
logo
List of Unclassifed Man...
LEC-6020 ETC2-LEC-6020 Datasheet
747Kb / 4P
   Fanless Industrial DIN Rail Security Box IPC with Intel짰 Atom??N2600 CPU
logo
Lanner All Rights Reser...
LEC-7242 LANNER-LEC-7242 Datasheet
529Kb / 2P
   Industrial Environment Gateway IPC with Intel짰 Apollo Lake CPU
logo
List of Unclassifed Man...
LEC-2260 ETC2-LEC-2260 Datasheet
232Kb / 2P
   Fanless Industrial PC with Intel짰 Celeron짰 807UE CPU
LEC-2312 ETC2-LEC-2312 Datasheet
316Kb / 2P
   Fanless Industrial PC with Intel짰 Atom??N455 CPU
LEC-7220 ETC2-LEC-7220 Datasheet
213Kb / 2P
   Fanless Industrial PC with Intel짰 AtomTM N2800 CPU
LEC-2530 ETC2-LEC-2530 Datasheet
580Kb / 4P
   Industrial Gateway Controller with Intel짰 Atom E3825 CPU (Bay Trail)
logo
Lanner All Rights Reser...
LEC-6041 LANNER-LEC-6041 Datasheet
619Kb / 2P
   IEC 61850-3 Wide Temperature ICS Cyber Security Gateway with Intel Atom CPU
logo
List of Unclassifed Man...
LEC-3012A ETC2-LEC-3012A Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??N455 CPU
LEC-3013 ETC2-LEC-3013 Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??D525 CPU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com