Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEC-3230D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LEC-3230D
Description  Fanless Industrial PC with Intel짰 Celeron짰 847E, Core??i3-3217UE or i7-3517UE CPU
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-3230D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LEC-3230D Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-3230D Datasheet HTML 2Page - List of Unclassifed Manufacturers LEC-3230D Datasheet HTML 3Page - List of Unclassifed Manufacturers LEC-3230D Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Processor Options
Intel® Celeron® 847E (1.10 GHz), Core™ i3-3217UE or Core™
i7-3517UE
Chipset
Intel HM65
BIOS
AMI 8Mbit SPI Flash ROM BIOS
System
Memory
Sockets
1 x 204-pin SODIMM socket
Technology
DDR3 1333/1600 MHz
Max. Capacity
Up to 8 GB
USB
6 x USB 2.0 compliant hosts: 2 x External Type A connector,
Internal pin-connector x 3, 1x internal USB slot
Expansion Bus
PCIe expansion slot
OS Support
Window 7, WES7, Linux 2.6
Storage
NAND Flash
None
HDD/SSD Support
1x 2.5” HDD/SSD drive bay
Expansion
CF socket Type I/II x1, 2xSATA
Networking
LAN
8 x 10/100/1000 Mbps, Autosensing,RJ-45
Controller
Intel 82583V x8
Magnetic Isolation Protection 1.5 KV built-in
Serial
Interface
Serial Standard
2 x DB9,& 2x2x10pin terminal block for 10 x RS-232/422/485
ESD Protection
15 KV for all signals
Isolation Protection
2 KV Digital Isolation
Serial Signals
RS-232
RTS,Rx,Tx,CTS,GND
RS-422
TxD+,TxD-,RxD-,RxD+,GND
RS-485
Data+,Data-,GND
Baudrate
Supports 50 bps to upto 115.2 Kbps
Display
Graphics Controller
Intel® HD Graphics
Display Interface
DB15 x 1 for VGA
LEDs
Power, Storage, Run(User defined), 8 x ACT/Link 10 x Rx/Tx , 8 x
PIO
Physical
Characteristics
Housing
(SECC) Sheet Metal
Weight
2.1 kg
Dimensions (WxHxD)
440 x 88 x 300 mm (17.32” x 3.46” x 11.81”)
Mounting Options
Rack mount
Environment
Operation Temperature
-20~55°C
Storage Temperature
-40~80°C
Ambient Relative Humidity
(non-condensing)
5 to 95% (non-condensing)
Power
Input Voltage
85~264 Vac
Power Consumption
TBD
AC Input
Yes
Standard and
Regulation
EMC
CE,FCC, IEC-61850 Compliance, China Electricity Level IV
Green product
RoHS
Reliability
Alter tool
Built-in buzzer and RTC (real-time clock) with battery lithium
backup
Automatic Reboot Trigger
Watchdog Timer 1~255 level time interval system reset, software
programmable
Warranty
2 Years
MTBF
TBD
Specifications


Similar Part No. - LEC-3230D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-3200 ETC2-LEC-3200 Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??N270
LEC-3200C ETC2-LEC-3200C Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??N270
LEC-3210 ETC2-LEC-3210 Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
LEC-3210AU16 ETC2-LEC-3210AU16 Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
LEC-3210AU8 ETC2-LEC-3210AU8 Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
More results

Similar Description - LEC-3230D

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEV-6356 AAEON-AEV-6356 Datasheet
359Kb / 2P
   Intel짰 Core??i7-3517UE or Celeron짰 847E Onboard
logo
Advantech Co., Ltd.
ARK-2150L ADVANTECH-ARK-2150L Datasheet
836Kb / 2P
   Intel짰 3rd Generation Core i3-3217UE/i7-3517UE High Performance Fanless Embedded Box PC
logo
Lanner All Rights Reser...
LEC-2280 LANNER-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
List of Unclassifed Man...
LEC-2280P2 ETC2-LEC-2280P2 Datasheet
686Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
LEC-2280 ETC2-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
LEC-2260 ETC2-LEC-2260 Datasheet
232Kb / 2P
   Fanless Industrial PC with Intel짰 Celeron짰 807UE CPU
LEC-2280E-7BN ETC2-LEC-2280E-7BN Datasheet
198Kb / 2P
   Fanless Industrial PC with 3rd Gen Intel짰 Core i7-3612QE CPU
LVR-5700 ETC2-LVR-5700 Datasheet
697Kb / 2P
   Fanless Rolling Stock Computer with Intel짰 Core??i7-3517UE Processor
logo
Advantech Co., Ltd.
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
logo
List of Unclassifed Man...
LEC-7480 ETC2-LEC-7480 Datasheet
300Kb / 2P
   Fanless Box PC with Extreme Operating Temperature and Intel짰 Core짰 i7/i3 CPU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com