Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEC-3110 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEC-3110
Description  1U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-3110 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEC-3110 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-3110 Datasheet HTML 2Page - List of Unclassifed Manufacturers LEC-3110 Datasheet HTML 3Page - List of Unclassifed Manufacturers LEC-3110 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
connect@lannerinc.com
LEC-3110 1UFanlessRackmountCommunication
Platform with Intel® Atom™ D525
Features
Rich I/O interface
This product provides rich I/O
interface in rear wiring, includes
6 GbE LAN ports and 10 optically
isolated serial COM ports for
communication.
IEC-61850-3
This platform passed the IEC-
61850-3 test- the hardware
section of the IEC-61850
compliance. These tests include
electro-magnetic interference,
temperature range and shock/
vibration tests.
Wide voltage input range
This product supports a wider
range of voltage inputs, allows
for easier onsite implementation
by lessening the need for an
external power supply.
Clear LED indicators in Front
Panel
LED indicators makes it easy to
check working status.
Support AC and DC power
input
This product support both AC
and DC power input.
VGA USB x2 LAN x6
COM x4
COM x2
COM x4
DC
input
AC
input


Similar Part No. - LEC-3110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-3100 ETC2-LEC-3100 Datasheet
272Kb / 2P
   1U Fanless Rackmount Communication Platform with Intel짰 Atom??N270
LEC-3101 ETC2-LEC-3101 Datasheet
160Kb / 1P
   1U Fanless Rackmount Communication Platform with Intel짰 Atom??N455
LEC-3101A ETC2-LEC-3101A Datasheet
160Kb / 1P
   1U Fanless Rackmount Communication Platform with Intel짰 Atom??N455
More results

Similar Description - LEC-3110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-3210 ETC2-LEC-3210 Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
LEC-3101 ETC2-LEC-3101 Datasheet
160Kb / 1P
   1U Fanless Rackmount Communication Platform with Intel짰 Atom??N455
LEC-3100 ETC2-LEC-3100 Datasheet
272Kb / 2P
   1U Fanless Rackmount Communication Platform with Intel짰 Atom??N270
LEC-3200 ETC2-LEC-3200 Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??N270
logo
Advantech Co., Ltd.
ITA-2210-00AE ADVANTECH-ITA-2210-00AE Datasheet
716Kb / 2P
   Intel짰 Atom??D525 2U Fanless Rackmount System with 3 ITAM Module
logo
List of Unclassifed Man...
EPC-2020 ETC2-EPC-2020 Datasheet
645Kb / 3P
   Programmable Embedded Controller with Intel짰 Atom??D525 Platform
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
List of Unclassifed Man...
LEC-3020 ETC2-LEC-3020 Datasheet
195Kb / 2P
   Fanless Industrial DIN Rail Communication Platform with Intel짰 Atom??N2600 CPU Preliminary Specification
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
logo
AAEON Technology
FWS-7200 AAEON-FWS-7200 Datasheet
329Kb / 2P
   1U Rackmount Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com