Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEC-3031-I4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEC-3031-I4
Description  Industrial Grade DIN Rail Box PC with Intel짰 Celeron짰 N2807 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-3031-I4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEC-3031-I4 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-3031-I4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Lanner Electronics Inc. All rights reserved.
All product specifications are subject to change without notice.
connect@lannerinc.com | www.lannerinc.com
LEC-3031-A4
DIN rail Fanless Box PC with Intel Celeron N2807 processor with 4 x RS-232/422/485, 4 x GbE, VGA port
LEC-3031-A6
DIN rail Fanless Box PC with Intel Celeron N2807 processor with 6 x RS-232/422/485, 4 x GbE, VGA port
LEC-3031-A8
DIN rail Fanless Box PC with Intel Celeron N2807 processor with 8 x RS-232/422/485, 2 x GbE, VGA port
LEC-3031-I4
DIN rail Fanless Box PC with Intel Celeron N2807 processor with 4 x isolated RS-485, 2 x GbE, VGA port
LEC-3031-I10
DIN rail Fanless Box PC with Intel Celeron N2807 processor with 8 x isolated RS-485, 2x isolated RS-232/485, 2 x GbE, VGA port
Product I/O View
Dimensions (WxHxD): 69 x 169.5 x 127 mm (2.71” x 6.67” x 5”)
Ordering Information
A
B
C
Serial ports
Serial ports
LAN
D
E
F
VGA
USB
Status LED
V.1-2015.10, 21
F
A
B
C
D
E
G
G
DIN rail mount
1
2
3
4
5
6
7
8
A
B
C
D
E
F
9
10
11
12
G
H
13
14
15
16
I
J
K
L
M
N
O
P
H
G
F
E
D
C
B
A
M
L
K
J
I
22
21
20
19
18
17
7
6
5
4
3
2
1
9
8
A1(841*594)
1
69
127
APPROVED
PART
NAME
LEC-C3031-A6
MODEL
LEC-C3031-A6
Levis Tsao
PART NO
EXAMINED
MATERIAL
NONE
UNIT
SCALE
PERSPECTIVE
FILE NAME
00-SYSTEM-LEC-3031
CY Chung
THICKNESS
NONE
mm
1:1
VERSION
1.0
DATE
10-Apr-13
DESIGNED
ELECTROPLATING
NONE
CLASSIFICATION
SIZE
SHEET
CY Chung
COATING
NONE
2
A1
1/1
MARK
DATE
REV
DESCRIPTION
TOL
RANGE
X
X
X
X
NCT
DIE MOLD Extrusion
USER
0~10
0.15
0.10 0.10 0.10 XXX
10~50
0.20 0.15 0.15 0.15 XXX
50~100
0.25 0.20 0.20 0.20 XXX
100~300
0.30 0.20 0.25 0.20 XXX
300~600
0.35 0.25 0.30 0.25 XXX
600~1200
0.40 0.30 0.35 0.30 XXX
ANG TOL
1
1
1
1
1
比例 3:5
1
2
3
4
5
6
7
8
A
B
C
D
E
F
9
10
11
12
G
H
13
14
15
16
I
J
K
L
M
N
O
P
H
G
F
E
D
C
B
A
M
L
K
J
I
22
21
20
19
18
17
7
6
5
4
3
2
1
9
8
A1(841*594)
1
69
127
APPROVED
PART
NAME
LEC-C3031-I10
MODEL
LEC-C3031-I10
Levis Tsao
PART NO
EXAMINED
MATERIAL
NONE
UNIT
SCALE
PERSPECTIVE
FILE NAME
00-SYSTEM-LEC-3031
CY Chung
THICKNESS
NONE
mm
1:1
VERSION
1.0
DATE
10-Apr-13
DESIGNED
ELECTROPLATING
NONE
CLASSIFICATION
SIZE
SHEET
CY Chung
COATING
NONE
2
A1
1/1
MARK
DATE
REV
DESCRIPTION
TOL
RANGE
X
X
X
X
NCT
DIE MOLD Extrusion
USER
0~10
0.15
0.10 0.10 0.10 XXX
10~50
0.20 0.15 0.15 0.15 XXX
50~100
0.25 0.20 0.20 0.20 XXX
100~300
0.30 0.20 0.25 0.20 XXX
300~600
0.35 0.25 0.30 0.25 XXX
600~1200
0.40 0.30 0.35 0.30 XXX
ANG TOL
1
1
1
1
1
比例 3:5


Similar Part No. - LEC-3031-I4

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LEC-3031-I4 LANNER-LEC-3031-I4 Datasheet
499Kb / 2P
   Industrial Grade DIN Rail Box PC with Intel짰 Atom E3825 Processor
More results

Similar Description - LEC-3031-I4

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LEC-3030 LANNER-LEC-3030 Datasheet
1Mb / 2P
   Compact Industrial Grade DIN Rail Box PC with Intel짰 E3815/N2807 Processor
LEC-3031 LANNER-LEC-3031 Datasheet
499Kb / 2P
   Industrial Grade DIN Rail Box PC with Intel짰 Atom E3825 Processor
LEC-7233 LANNER-LEC-7233 Datasheet
1Mb / 1P
   Economical Box PC with Rich I/O and Intel짰 Bay Trail Celeron짰 N2807 CPU
logo
Axiomtek Co., Ltd.
CAPA848 AXIOMTEK-CAPA848_17 Datasheet
255Kb / 1P
   3.5 Embedded SBC with Intel짰 Celeron짰 Processor N2807, LVDS/VGA/HDMI
logo
List of Unclassifed Man...
LEC-3013-I10 ETC2-LEC-3013-I10 Datasheet
207Kb / 2P
   DIN rail Box PC with Intel Atom D525 Processor
LEC-2260 ETC2-LEC-2260 Datasheet
232Kb / 2P
   Fanless Industrial PC with Intel짰 Celeron짰 807UE CPU
LEC-3012A ETC2-LEC-3012A Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??N455 CPU
LEC-3013 ETC2-LEC-3013 Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??D525 CPU
logo
Advantech Co., Ltd.
PPC-175T ADVANTECH-PPC-175T Datasheet
356Kb / 2P
   17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-L127T ADVANTECH-PPC-L127T Datasheet
364Kb / 2P
   12.1 Fanless Panel PC with Intel짰 Celeron짰 M Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com