Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6381XS21D6-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6381XS21D6-T
Description  SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6381XS21D6-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6381XS21D6-T Datasheet HTML 1Page - Maxim Integrated Products MAX6381XS21D6-T Datasheet HTML 2Page - Maxim Integrated Products MAX6381XS21D6-T Datasheet HTML 3Page - Maxim Integrated Products MAX6381XS21D6-T Datasheet HTML 4Page - Maxim Integrated Products MAX6381XS21D6-T Datasheet HTML 5Page - Maxim Integrated Products MAX6381XS21D6-T Datasheet HTML 6Page - Maxim Integrated Products MAX6381XS21D6-T Datasheet HTML 7Page - Maxim Integrated Products MAX6381XS21D6-T Datasheet HTML 8Page - Maxim Integrated Products MAX6381XS21D6-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX6381–MAX6390 microprocessor (µP) supervisory
circuits monitor power supply voltages from +1.8V to
+5.0V while consuming only 3µA of supply current at
+1.8V. Whenever VCC falls below the factory-set reset
thresholds, the reset output asserts and remains assert-
ed for a minimum reset timeout period after VCC rises
above the reset threshold. Reset thresholds are available
from +1.58V to +4.63V, in approximately 100mV incre-
ments. Seven minimum reset timeout delays ranging
from 1ms to 1200ms are available.
The MAX6381/MAX6384/MAX6387 have a push-pull
active-low reset output. The MAX6382/MAX6385/
MAX6388 have a push-pull active-high reset output,
and the MAX6383/MAX6386/MAX6389/MAX6390
have an open-drain active-low reset output. The
MAX6384/MAX6385/MAX6386
also
feature
a
debounced manual reset input (with internal pullup
resistor). The MAX6387/MAX6388/MAX6389 have an
auxiliary input for monitoring a second voltage. The
MAX6390 offers a manual reset input with a longer VCC
reset timeout period (1120ms or 1200ms) and a shorter
manual reset timeout (140ms or 150ms).
The MAX6381/MAX6382/MAX6383 are available in 3-pin
SC70 packages and the MAX6384–MAX6390 are avail-
able in 4-pin SC70 packages.
________________________Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable/Battery-Powered Equipment
Dual Voltage Systems
Features
o Factory-Set Reset Threshold Voltages Ranging
from +1.58V to +4.63V in Approximately 100mV
Increments
o ±2.5% Reset Threshold Accuracy Over
Temperature (-40°C to +125°C)
o Seven Reset Timeout Periods Available: 1ms,
20ms, 140ms, 280ms, 560ms, 1120ms,
1200ms (min)
o 3 Reset Output Options
Active-Low Push-Pull
Active-High Push-Pull
Active-Low Open-Drain
o Reset Output State Guaranteed Valid
Down to VCC = 1V
o Manual Reset Input (MAX6384/MAX6385/MAX6386)
o Auxiliary RESET IN
(MAX6387/MAX6388/MAX6389)
o VCC Reset Timeout (1120ms or 1200ms)/Manual
Reset Timeout (140ms or 150ms) (MAX6390)
o Negative-Going VCC Transient Immunity
o Low Power Consumption of 6µA at +3.6V
and 3µA at +1.8V
o Pin Compatible with
MAX809/MAX810/MAX803/MAX6326/MAX6327/
MAX6328/MAX6346/MAX6347/MAX6348,
and MAX6711/MAX6712/MAX6713
o Tiny 3-Pin SC70 and 4-Pin SC70 Packages
SC70, Single/Dual Low-Voltage,
Low-Power µP Reset Circuits
________________________________________________________________ Maxim Integrated Products
1
RESET
(RESET)
1
3
VCC
GND
MAX6381
MAX6382
MAX6383
TOP VIEW
2
SC70
( ) IS FOR MAX6382
PART
TEMP. RANGE
PIN-PACKAGE
MAX6381XR_ _D_-T
-40
°C to +125°C
3 SC70-3
MAX6382XR_ _D_-T
-40
°C to +125°C
3 SC70-3
MAX6383XR_ _D_-T
-40
°C to +125°C
3 SC70-3
Pin Configurations
19-1839; Rev 1; 04/01
Ordering Information
Pin Configurations continued at end of data sheet.
Ordering Information continued at end of data sheet.
Typical Operating Circuit appears at end of data sheet.
Selector Guide appears at end of data sheet.
Note: Insert reset threshold suffix (see Reset Threshold table)
after "XR" or "XS". Insert reset timeout delay (see Reset Timeout
Delay table) after "D" to complete the part number. Sample
stock is generally held on standard versions only (see
Standard Versions table). Standard versions have an order
increment requirement of 2500 pieces. Nonstandard versions
have an order increment requirement of 10,000 pieces.
Contact factory for availability of nonstandard versions.
*MAX6390 is available with D4 or D7 timing only.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX6381XS21D6-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381XR MAXIM-MAX6381XR Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6381XR__D/V+T MAXIM-MAX6381XR__D/V+T Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
MAX6381XR__D_+T MAXIM-MAX6381XR__D_+T Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
More results

Similar Description - MAX6381XS21D6-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6381_V5 MAXIM-MAX6381_V5 Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com