Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0787261019 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0787261019
Description  DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0787261019 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0787261019 Datasheet HTML 1Page - Molex Electronics Ltd. 0787261019 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/29/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0787261019
Status:
Active
Overview:
DDR4 DIMM Sockets
Description:
DDR4 DIMM Socket, Vertical Through-Hole, 0.38µm Gold Plating, 288 Circuits, PCB
Thickness 2.36mm, Tail Length 3.18mm, White Housing, White Latch
Documents:
Drawing (PDF)
Application Specification AS-78726-002 (PDF)
Product Specification PS-78726-002 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Memory Module Sockets
Series
78726
Comments
White Housing, White Latch
Component Type
Socket
Electrical Model
Yes
JEDEC Outline
MO-309
Overview
DDR4 DIMM Sockets
Product Name
DDR4 DIMM
UPC
887191399300
Physical
Circuits (Loaded)
288
Circuits (maximum)
288
Color - Resin
White
Durability (mating cycles max)
25
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Material - Plating Termination
Tin over Nickel
Material - Resin
Nylon
Net Weight
6.515/g
PC Tail Length
3.18mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
2.36mm
Packaging Type
Tray
Pitch - Mating Interface
0.85mm
Pitch - Termination Interface
0.85mm
Plating min - Mating
0.381µm
Plating min - Termination
2.540µm
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
0.75A
Voltage - Maximum
29V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
002
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Contains SVHC(2015
June 15): No
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Search Parts in this Series
78726 Series


Similar Part No. - 0787261019

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0787261010 MOLEX11-0787261010 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261011 MOLEX11-0787261011 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261012 MOLEX11-0787261012 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
0787261013 MOLEX11-0787261013 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
0787261014 MOLEX11-0787261014 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
More results

Similar Description - 0787261019

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0787261024 MOLEX11-0787261024 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
0787261058 MOLEX11-0787261058 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
0787261012 MOLEX11-0787261012 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
0787261033 MOLEX11-0787261033 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
0787261035 MOLEX11-0787261035 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
0787261034 MOLEX11-0787261034 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
0787261045 MOLEX11-0787261045 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
0787261060 MOLEX11-0787261060 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
0787261061 MOLEX11-0787261061 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
0787261018 MOLEX11-0787261018 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com