Electronic Components Datasheet Search |
|
B1203LS-1WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd. |
|
B1203LS-1WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd. |
3 / 5 page DC/DC Converter A_S-1WR2 & B_LS-1WR2 Series 2015.04.20-B/0 Page 3 of 5 MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation Output Short Circuit Protection** A24xxS-1WR2 /B24xxLS-1WR2 A0524S-1WR2/B0524LS-1WR2 -- -- 1 s others Continuous, self-recovery Note: * Ripple and noise tested with “parallel cable” method, please see DC-DC Converter Application Notes for specific operation methods. **Supply voltage must be discontinued at the end of short circuit duration for A24xxS-1WR2 /B24xxLS-1WR2 series, and A0524S-1WR2/ B0524LS-1WR2 models. General Specifications Item Operating Conditions Min. Typ. Max. Unit Insulation Voltage Input-output, with the test time of 1 minute and the leak current lower than 1mA 1500 -- -- VDC Insulation Resistance Input-output, insulation voltage 500VDC 1000 -- -- MΩ Isolation Capacitance Input-output, 100KHz/0.1V -- 20 -- pF Operating Temperature Derating if the temperature ≥85°C, (see Fig. 2) -40 -- 105 ℃ Storage Temperature -55 -- 125 Casing Temperature Rise Ta=25℃ -- 25 -- Pin Welding Resistance Temperature Welding spot is 1.5mm away from the casing, 10 seconds -- -- 300 Storage Humidity Non-condensing -- -- 95 %RH Switching Frequency 100% load, nominal input voltage -- 100 -- KHz MTBF MIL-HDFK-217F@25℃ 3500 -- -- K hours Physical Specifications Casing Material Black flame-retardant heat-proof epoxy resin (UL94-V0) Package Dimensions 19.50*9.30*6.00 mm Weight 2.4g(Typ.) Cooling methods Free air convection EMC Specifications EMI Conducted disturbance CISPR22/EN55022 CLASS B (see Fig. 4 for recommended circuit) Radiated emission CISPR22/EN55022 CLASS B (see Fig. 4 for recommended circuit) EMS Electrostatic discharge A_S-1WR2 IEC/EN61000-4-2 Contact ±6KV perf. Criteria B B_LS-1WR2 IEC/EN61000-4-2 Contact ±8KV perf. Criteria B Product Characteristic Curve 3.3VDC output -10% 80% 20% 10% 40% 60% -5% 0 +5% +10% 100% Typ. Min. Max. -15% -7.5% +1.0% -15% Tolerance Envelope Curve Output Current Percentage(%) (Nominal Input Voltage) Other output -10% 80% 20% 10% 40% 60% -5% 0 +5% +10% +15% 100% Typ. Min. Max. -7.5% -2.5% +2.5% Output Current Percent(%) (Nominal Input Voltage) Tolerance Envelope Curve Fig. 1 |
Similar Part No. - B1203LS-1WR2 |
|
Similar Description - B1203LS-1WR2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |