Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB2415S-1WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # WRB2415S-1WR2
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB2415S-1WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  WRB2415S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB2415S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRB2415S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. WRB2415S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. WRB2415S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. WRB2415S-1WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DC/DC Converter
WRA_S-1WR2 & WRB_S-1WR2 Series
2015.08.26-A/4
Page 2 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load/no-load)
5VDC Input
--
281/40
290/60
mA
12VDC Input
--
111/15
114/30
24VDC Input
--
55/6
57/10
mA
48VDC Input
--
27/4
28/6
Reflected Ripple Current
5VDC Input
--
30
--
12VDC Input
--
40
--
24VDC Input
--
55
--
48VDC Input
--
45
--
Input Impulse Voltage (1sec. max.)
5VDC Input
-0.7
--
12
VDC
12VDC Input
-0.7
--
25
24VDC Input
-0.7
--
50
48VDC Input
-0.7
--
100
Starting Voltage
5VDC Input
--
--
4.5
12VDC Input
--
--
9
24VDC Input
--
--
18
48VDC Input
--
--
36
Input Filter
Filter capacitor
Hot Plug
Unavailable
Ctrl*
Module turn-on
The Ctrl end is suspended or of high resistance
Module turn-off
Connect with high level (relative to the input
grounding) to make the 5-10mA current flows into
the Ctrl end.
Note: * For use of Ctrl, please refer to the “design reference” in this manual.
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
5%-100% load,Input
voltage range
3.3V/5V output
--
±2
±5
%
others
--
±1
±3
No-load Output Voltage Accuracy
Input voltage range
--
±1.5
±5
Balance of Output Voltage
Dual output, balanced load
--
±0.3
±0.5
Line Regulation
Full load, the input voltage is from low to high
--
±0.2
±0.5
Load Regulation
5%-100% load
--
±0.4
±0.75
Transient Recovery Time
25% load step change
--
0.5
2
ms
Transient Response Deviation
--
±2.5
±5
%
Temperature Coefficient
Full load
--
±0.02
±0.03
%/℃
Short Circuit Protection
Continuous, self-recovery
Note: *Ripple and noise are measured by “parallel cable” method, please see DC-DC Converter Application Notes for specific operation.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output, with the test time of 1 minute and
the leak current lower than 1mA
1500
--
--
VDC
Isolation Resistance
Input-output, isolation voltage 500VDC
1000
--
--
Isolation Capacitance
Input-output, 100KHz/0.1V
--
120
--
pF
Operating Temperature
Derating if the temperature ≥85℃, (see Fig. 1)
-40
--
85
Storage Temperature
-55
--
125
Pin Welding Resistance Temperature
Welding spot is 1.5mm away from the casing,
10 seconds
--
--
300
Storage Humidity
Non-condensing
--
--
95
%RH
Switching Frequency (PFM Mode)
Full load, nominal input voltage
--
200
--
KHz
MTBF
MIL-HDBK-217F@25℃
1000
--
--
K hours


Similar Part No. - WRB2415S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRB2415S-1WR2 MORNSUN-WRB2415S-1WR2 Datasheet
807Kb / 7P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRB2415S-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com