Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URF2412LP-10WR3 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URF2412LP-10WR3
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF2412LP-10WR3 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URF2412LP-10WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF2412LP-10WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF2412LP-10WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF2412LP-10WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF2412LP-10WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URF2412LP-10WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DC/DC Converter
URF_LP-10WR3 Series
2015.08.12-A/2
Page 1 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
10W,Ultra wide input isolated & regulated
DC-DC converter
CB
Patent Protection RoHS
FEATURES
Wide range of input voltage (4:1)
Efficiency up to 87%
No-load power consumption as low as 0.12W
Isolation voltage :3K VDC
Input
under-voltage
protection,
output
over-voltage protection, short circuit protection,
output over-current protection
Operating temperature range: -40℃ to +85℃
Meet CISPR22/EN55022 CLASS A
A2S (wring mounting) and A4S (TS35 rail mounting)
products featuring anti-reverse
connection for
input
IEC60950, UL60950, EN60950 Approval
International standard pin-out
URF_LP-10WR3 series are isolated 10W DC-DC products with 4:1 input voltage. They feature efficiency up to 87%, 1500VDC isolation,
operating temperature of -40 ℃ ~+85 ℃ , Input under-voltage protection, output short circuit protection, over-voltage protection,
over-current protection and EMI meets CISPR22/EN55022 CLASS A, which make them widely applied in industrial control, electric power,
instruments and communication fields. And extension package A2S and A4S also enable them with reverse voltage protection.
Selection Guide
Certification
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,Typ.)
@ Full Load
Max. Capacitive
Load(µF)
Nominal
(Range)
Max.
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
UL/CE/CB
URF2403LP-10WR3
24
(9-36)
40
3.3
2400/0
77/79
5400
URF2405LP-10WR3
5
2000/0
80/82
5400
URF2409LP-10WR3
9
1111/0
83/85
680
URF2412LP-10WR3
12
833/0
84/86
470
URF2415LP-10WR3
15
667/0
85/87
330
URF2424LP-10WR3
24
416/0
85/87
100
URF4803LP-10WR3
48
(18-75)
80
3.3
2400/0
77/79
5400
URF4805LP-10WR3
5
2000/0
80/82
5400
URF4812LP-10WR3
12
833/0
84/86
470
URF4815LP-10WR3
15
667/0
85/87
330
URF4824LP-10WR3
24
416/0
85/87
100
Notes:
Part No. with suffix of “A2S” means chassis mounting and suffix of “A4S” means DIN-Rail mounting (e.g. URF2405LP-10WR3A2S means chassis mounting;
URF2405LP-10WR3A4S means DIN-Rail mounting);
Absolute maximum rating without damage on the converter, but it isn't recommended;
Efficiency is measured In nominal input voltage and rated output load;A2S (wiring) and A4S (rail) Model due to input reverse polarity protection, minimum
efficiency greater than Min.-2 is qualified.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
24VDC input
--
508/5
521/12
mA
48VDC input
--
254/4
261/12
Reflected Ripple Current
24VDC input
--
40
--
48VDC input
--
30
--
Input impulse Voltage (1sec. max.)
24VDC input
-0.7
--
50
VDC
48VDC input
-0.7
--
100
Starting Voltage
24VDC input
--
--
9
48VDC input
--
--
18


Similar Part No. - URF2412LP-10WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF2412LP-10WR3 MORNSUN-URF2412LP-10WR3 Datasheet
302Kb / 5P
   DC/DC Converter
URF2412LP-10WR3 MORNSUN-URF2412LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results

Similar Description - URF2412LP-10WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com