Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URH2405P-6WR3 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URH2405P-6WR3
Description  DC/DC Power Supply Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URH2405P-6WR3 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URH2405P-6WR3_15 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URH2405P-6WR3_15 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URH2405P-6WR3_15 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URH2405P-6WR3_15 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC/DC Power Supply Module
URH_P-6WR3 Series
2015.04.16-A/2
Page 1 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
6W,Ultra wide input, isolated & regulated single
output, DIP packaging, DC-DC converter
Patent Protection RoHS
FEATURES
Ultra wide range of input voltage (4:1)
Efficiency up to 85%
No-load power consumption as low as 0.12W
Enhanced isolation, 6KVDC isolation
Operating temperature range: -40℃ to +85℃
Input under-voltage protection, output short
circuit, over-voltage , over-load protection
Meets EN60601-1/UL60601-1 certification
International standard pin-out
URH_P-6WR3 series products are of 6W output power, extremely ultra wide range of voltage input of 9-36VDC, 18-75VDC, isolation voltage
of 6000VDC, output over-voltage protection and output short circuit protection, Meets EN60601-1/UL60601-1 certification; these products
are dedicated to medical field. Low no-load power consumption widely used in energy storage system.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency (%,Typ.)
@Full Load
Max. Capacitive
Load(μF)
Nominal
(Range)
Max.*
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
URH2405P-6WR3
24
(9-36)
40
5
1200/60
79/81
2700
URH2409P-6WR3
9
667/33
81/83
1800
URH2412P-6WR3
12
500/25
82/84
1000
URH2415P-6WR3
15
400/20
83/85
680
URH2424P-6WR3
24
250/13
82/84
470
URH4805P-6WR3
48
(18-75)
80
5
1200/60
79/81
2700
URH4809P-6WR3
9
667/33
81/83
1800
URH4812P-6WR3
12
500/25
82/84
1000
URH4815P-6WR3
15
400/20
83/85
680
URH4824P-6WR3
24
250/13
82/84
470
Note:*Absolute maximum rating without damage on the converter, but it isn't recommended.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
24VDC input
5V output
--
308/5
316/8
mA
Other output
--
298/5
305/8
48VDC input
5V output
--
154/4
158/7
Other output
--
149/4
152/7
Reflected Ripple Current
24VDC input
--
20
--
48VDC input
--
20
--
Input impulse Voltage(1sec.max.)
24VDC input
-0.7
--
50
VDC
48VDC input
-0.7
--
100
Starting Voltage
24VDC input
--
--
9
48VDC input
--
--
18
Input Under-voltage Protection
24VDC input
5.5
6.5
--
48VDC input
14
15.5
--
Input Filter
Pi filter
Hot Plug
Unavailable
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±1
±3
%
Line Voltage Regulation
Full load, the input voltage is from low voltage to
high voltage
--
±0.2
±0.5
Load Regulation
5%-100% load
--
±0.5
±1


Similar Description - URH2405P-6WR3_15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3 Datasheet
339Kb / 6P
   DC/DC Power Supply Module
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3_15 Datasheet
1Mb / 6P
   DC/DC Power Supply Module
logo
STMicroelectronics
SPAC265-8W STMICROELECTRONICS-SPAC265-8W Datasheet
225Kb / 9P
   AC-DC power supply module
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
   DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
   DC/DC Power Supply
logo
Wall Industries,Inc.
DCUPH6 WALL-DCUPH6 Datasheet
437Kb / 5P
   6 Watts DC/DC Power Supply Module Single Output
logo
Shanghai Leiditech Elec...
AP2305GN LEIDITECH-AP2305GN Datasheet
563Kb / 3P
   Power Supply DC-DC Converters
logo
XFMRS Inc.
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
   DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
   DC POWER SUPPLY
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
   DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com