Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URF1D24QB-50WH Datasheet(PDF) 6 Page - MORNSUN Science& Technology Ltd.

Part # URF1D24QB-50WH
Description  DC-DC converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF1D24QB-50WH Datasheet(HTML) 6 Page - MORNSUN Science& Technology Ltd.

  URF1D24QB-50WH Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF1D24QB-50WH Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF1D24QB-50WH Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF1D24QB-50WH Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF1D24QB-50WH Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URF1D24QB-50WH Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URF1D24QB-50WH Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URF1D24QB-50WH Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DC/DC Converter
URF1D_QB Series
2014.12.09-A/1
Page 6 of 8
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
5. Thermal design
The maximum operating temperature of base- plate TB is 100 ℃,aslong asthe user's thermal system keeps TB <100 ℃, the converter
can deliver its full rated power. A power derating curve can be calculated for any heatsink that is attached to the base-plate of the
converter. It is only necessary to determine the thermal resistance, Rth(B-A), of the chosen heatsink between the base-plate and the
ambient air for a given airflow rate. This information is usually available from the heatsink vendor. The following formula can the be used to
determine the maximum power the converter can dissipate for a given thermal condition if its base-plate is to be no higher than 100 ºC.
A
-
B
A
max
th
100
R
T
P
diss
=
(TA is ambient temperature)
The maximum load operating power of power supply module at a certain ambient temperature can be calculated by the power
dissipation, Formula is as follows:
)
1
1
(
max
max
=
η
diss
P
Po
(η is converter efficiency)
Therefore, customers can according to the actual application to choose the right heatsink.
6. Application of Trim and calculation of Trim resistance
0V
R2
R1
R3
Vref
RT
Trim
+Vot
0V
R2
R1
R3
Vref
RT
Trim
+Vot
Trim up
Trim down
Applied circuits of Trim (Part in broken line is the interior of models)
Calculation formula of Trim resistance:
up:
a=
Vref
Vo’-Vref
R1
R=
T
aR2
R-a
2
-R3
down:
a=
Vref
Vo’-Vref
R2
R=
T
aR1
R-a
1
-R3
Note:Value for R1, R2, R3, and Vref refer to the above table 1. RT: Resistance of Trim. a: User-defined parameter, no actual meanings. Vo’: The trim up/down
voltage.
table 1
Vo
Parameter
24(VDC)
R1(KΩ)24.87
R2(KΩ)2.87
R3(KΩ)20
Vref(V)
2.5
7. The product does not support in parallel and hot-plug use
8. For more information please find the application notes on www.mornsun-power.com


Similar Part No. - URF1D24QB-50WH

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF1D24QB-50WH MORNSUN-URF1D24QB-50WH Datasheet
1Mb / 8P
   50W, wide input voltage, isolated & regulated single output DC-DC converter
More results

Similar Description - URF1D24QB-50WH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com