Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URF2412LP-20WR3 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # URF2412LP-20WR3
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF2412LP-20WR3 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  URF2412LP-20WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF2412LP-20WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF2412LP-20WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF2412LP-20WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF2412LP-20WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URF2412LP-20WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DC/DC Converter
URF_LP-20WR3 Series
2015.08.12-A/2
Page 5 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
4. It is not allowed to connect modules output in parallel to enlarge the power
5. For more information please find DC-DC converter application notes on www.mornsun-power.com
Dimensions and Recommended Layout
GND
Vin
+Vo
Trim
0V
Ctrl
1
2
3
4
5
6
51.50 [2.028]
5.08 [0.200]
20.32 [0.800]
4.10 [0.161]
1
2
3
4
5
6
1
2
3
4
5
6
1.50 [0.059]
12.00 [0.472]
Note:
Unit :mm[inch]
Pin diameter tolerances :±0.10[±0.004]
General tolerances:±0.50[±0.020]
Note:Grid 2.54*2.54mm
Function
Pin
Pin-Out
1.00[ 0.039]
1104004001-B0
THIRD ANGLE PROJECTION
Bottom View
Front View
URF_LP-20WR3A2S Dimensions
1
2
3
4
5
6
Front View
Top View
76.00 [2.992]
61.60 [2.425]
LED lamp
2-
∅3.30 [∅0.130]
Note:
Unit:mm[inch]
Wire range:24~12 AWG
General tolerances:±0.50[±0.020]
THIRD ANGLE PROJECTION
Pin
1
2
3
4
5
6
Ctrl
GND
Vin
+Vo
Trim
0V
Pin-Out
Function
1104004003-C0


Similar Part No. - URF2412LP-20WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF2412LP-20WR3 MORNSUN-URF2412LP-20WR3 Datasheet
329Kb / 6P
   DC/DC Converter
More results

Similar Description - URF2412LP-20WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com