Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URF2409LP-20WR3 Datasheet(PDF) 6 Page - MORNSUN Science& Technology Ltd.

Part # URF2409LP-20WR3
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF2409LP-20WR3 Datasheet(HTML) 6 Page - MORNSUN Science& Technology Ltd.

  URF2409LP-20WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF2409LP-20WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF2409LP-20WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF2409LP-20WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF2409LP-20WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URF2409LP-20WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DC/DC Converter
URF_LP-20WR3 Series
2015.08.12-A/2
Page 6 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
URF_LP-20WR3A4S Dimensions
1104004004-C0
1
2
3
4
5
6
Front View
Top View
76.00 [2.992]
61.60 [2.425]
LED lamp
Note:
Unit:mm[inch]
Wire range:24~12 AWG
General tolerances:±0.50[±0.020]
THIRD ANGLE PROJECTION
Pin
1
2
3
4
5
6
Ctrl
GND
Vin
+Vo
Trim
0V
Pin-Out
Function
Note:
1. Packing information please refer to Product Packing Information which can be downloaded from www.mornsun-power.com.The
Packing bag number of Horizontal package : 58210039, the Packing bag number of A2S/ A4S package:58220022;
2. Recommend to use module with more than 5% load, if not, the ripple of the product may exceeds the specification, but does not The
maximum capacitive load offered were tested at nominal input voltage and full load;
3. Unless otherwise specified, parameters in this datasheet were measured under the conditions of Ta=25℃, humidity<75% with nominal
input voltage and rated output load;
4. All index testing methods in this datasheet are based on our Company’s corporate standards;
5. The performance parameters of the product models listed in this manual are as above, but some parameters of non-standard model
products may exceed the requirements mentioned above. Please contact our technicians directly for specific information;
6. We can provide product customization service;
7. Specifications are subject to change without prior notice.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Similar Part No. - URF2409LP-20WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF2409LP-20WR3 MORNSUN-URF2409LP-20WR3 Datasheet
329Kb / 6P
   DC/DC Converter
More results

Similar Description - URF2409LP-20WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com