Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URB1D24LD-20W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # URB1D24LD-20W
Description  DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB1D24LD-20W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  URB1D24LD-20W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB1D24LD-20W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB1D24LD-20W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB1D24LD-20W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB1D24LD-20W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB1D24LD-20W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URB1D24LD-20W Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URB1D24LD-20W Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC/DC Converter
URB1D_LD-15W & URB1D_LD-20W Series
2015.08.27-A/3
Page 3 of 8
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
EMC Specifications
EMI
Conducted disturbance
CISPR22/EN55022 CLASS B (see Fig.3 for recommended circuit)
Radiated emission
CISPR22/EN55022 CLASS B (see Fig.3 for recommended circuit)
EMS
Electrostatic discharge
IEC/EN61000-4-2
Contact ±6KV
perf. Criteria B
Radiation immunity
IEC/EN61000-4-3
10V/m
perf. Criteria B
EFT
IEC/EN61000-4-4
±4KV (see Fig.3 for recommended circuit)
perf. Criteria B
Surge immunity
IEC/EN61000-4-5
±2KV/±4KV (see Fig.3 for recommended circuit)
perf. Criteria B
Conducted disturbance immunity
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria B
Immunities of voltage dip,
drop and short interruption
IEC/EN61000-4-29 0-70%
perf. Criteria B
Product Characteristic Curve
URB1D05LD-15W
Without heatsink
With heatsink
Operating Temperatu re( )
Temperature Derating Curve
-40
0
40
85
120
80
60
100
120
40
20
0
6070
Safe Operating Area
URB1D05LD-20W
Without heatsink
With heatsink
Operating Temperatu re( )
Temperature Derating Curve
-40
0
40
85
120
80
60
100
120
40
20
0
55 65
Safe Operating Area
Fig. 1
Design Reference
1. Typical application
All the DC/DC converters of this series are tested according to the recommended circuit (see Fig. 2) before delivery.
If it is required to further reduce input and output ripple, properly increase the input & output of additional capacitors Cin and Cout or
select capacitors of low equivalent impedance provided that the capacitance is no larger than the max. capacitive load of the product.


Similar Part No. - URB1D24LD-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB1D24LD-20W MORNSUN-URB1D24LD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DC-DC CONVERTER
URB1D24LD-20WR3 MORNSUN-URB1D24LD-20WR3 Datasheet
2Mb / 9P
   20W isolated DC-DC converter with Ultra-wide Input and Regulated Single Output
More results

Similar Description - URB1D24LD-20W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com