Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URB2424MT-3WR3 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # URB2424MT-3WR3
Description   DC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB2424MT-3WR3 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  URB2424MT-3WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB2424MT-3WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB2424MT-3WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB2424MT-3WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB2424MT-3WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DC/DC Converter
URB_MT-3WR3 Series
2015.09.01-A/2
Page 4 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
2. EMC solution-recommended circuit
Vin
GND
+Vo
0V
DC/DC
LOAD
C3
LDM1
C1
MOV
FUSE
C2
CY
Vin
GND
+
1
C4
C0
+
Fig. 3
Notes: Part ① in the Fig. 3 is used for EMS test and part ② for EMI filtering;
selected based on needs.
Parameter description
Model
Vin:24V
Vin:48V
FUSE
Choose according to actual input current
MOV
S14K35
S14K60
C0,C1
330µF/50V
330µF/100V
C2,C3
4.7µF/50V
4.7µF/100V
C4
Refer to the Cout in Fig.2
LDM1
12µH
CY1
1nF/2KV
EMC solution-recommended circuit PCB layout
Fig. 4
Note: the min. distance of the bonding pads between input & output isolation capacitors (CY1) shall be ≥ 2mm.
3. It is not allowed to connect modules output in parallel to enlarge the power
4. For more information about Mornsun EMC Filter products, please visit www.mornsun-power.com to
download the Selection Guide of EMC Filter
Dimensions and Recommended Layout


Similar Part No. - URB2424MT-3WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB2424MT-3WR3 MORNSUN-URB2424MT-3WR3 Datasheet
1Mb / 5P
   Ultra wide input voltage rang
More results

Similar Description - URB2424MT-3WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com