Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URB2405LD-20WR3 Datasheet(PDF) 9 Page - MORNSUN Science& Technology Ltd.

Part # URB2405LD-20WR3
Description  DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB2405LD-20WR3 Datasheet(HTML) 9 Page - MORNSUN Science& Technology Ltd.

  URB2405LD-20WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB2405LD-20WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB2405LD-20WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB2405LD-20WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB2405LD-20WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB2405LD-20WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URB2405LD-20WR3 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URB2405LD-20WR3 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. URB2405LD-20WR3 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DC/DC Converter
URA_LD-20WR3 & URB_LD-20WR3 Series
2015.09.28-A/3
Page 9 of 9
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Notes:
1. Packing information please refer to Product Packing Information which can be downloaded from www.mornsun-power.com.The
Packing bag number of Horizontal package :58200035(without heat sink), 58200051(with heat sink, A2S/ A4S package number:
58220022;
2. The recommended unbalance degree of the dual output module load is ≤±5%; if the degree exceeds ±5%, than the product
performance cannot be guaranteed to comply with all parameters in the datasheet. Please contact our technicians directly for
specific information;
3. The maximum capacitive load offered were tested at nominal input voltage and full load;
4. Unless otherwise specified, parameters in this datasheet were measured under the conditions of Ta=25℃, humidity<75% with nominal
input voltage and rated output load;
5. All index testing methods in this datasheet are based on our Company’s corporate standards;
6. The performance parameters of the product models listed in this manual are as above, but some parameters of non-standard model
products may exceed the requirements mentioned above. Please contact our technicians directly for specific information;
7. We can provide product customization service;
8. Specifications are subject to change without prior notice.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Similar Part No. - URB2405LD-20WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB2405LD-20WR3 MORNSUN-URB2405LD-20WR3 Datasheet
539Kb / 8P
   DC/DC Converter
More results

Similar Description - URB2405LD-20WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com