Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URB1D05XD-10W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # URB1D05XD-10W
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB1D05XD-10W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  URB1D05XD-10W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB1D05XD-10W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB1D05XD-10W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB1D05XD-10W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB1D05XD-10W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC/DC Converter
URB1D_XD-10W Series
2015.8.31-B/0
Page 3 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Design Reference
1. Typical application
All the DC/DC converters of this series are tested according to the recommended circuit (see Fig. 2) before delivery.
If a further decrease of the input and output ripple is required, properly increase the input & output of additional capacitors Cin and Cout
or select capacitors of low equivalent impedance,and ensure the capacitance should be lower than the max. capacitive load of the
product.
DC
DC
Vin
GND
+Vo
0V
Cin
Cout
Fig. 2
Cin
Cout
10µF -47µF
10µF
2. EMC solution-recommended circuit
+Vin
-Vin
FC-C01D
DC-DC
CONVERTER
+Vo
0V
+Vo
-Vo
FUSE
+
C0
CY1
CY2
Fig. 3
FC-C01D is the EMC auxiliary component of our company. Input voltage range: 40V-160V;
FUSE: Choose according to customer actual input current;
C0: Recommend to use 100uF/200V electrolytic capacitor;
CY1\CY2:1nF /2KV.
EMC solution-recommended circuit PCB layout
Fig. 4
Note: the min. distance of the bonding pads between input & output isolation capacitors (CY1/CY2) shall be ≥ 2mm.
3. It is not allowed to connect modules output in parallel to enlarge the power。
4. For more information about Mornsun EMC Filter products, please visit www.mornsun-power.com to
download the Selection Guide of EMC Filter


Similar Part No. - URB1D05XD-10W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB1D05XD-10W MORNSUN-URB1D05XD-10W Datasheet
272Kb / 5P
   DC/DC Converter
More results

Similar Description - URB1D05XD-10W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com