Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URA2405YMD-6WR3 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URA2405YMD-6WR3
Description  DC/DC Power Supply Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URA2405YMD-6WR3 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URA2405YMD-6WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URA2405YMD-6WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URA2405YMD-6WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URA2405YMD-6WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URA2405YMD-6WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URA2405YMD-6WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DC/DC Power Supply Module
URA_YMD-6WR3 & URB_YMD-6WR3 Series
2015.09.28-A/3
Page 1 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
6W,Ultra wide input, isolated & regulated dual/single
output, YMD package, DC-DC converter
CB
Patent Protection RoHS
FEATURES
Wide range of input voltage (4:1)
Efficiency up to 88%
No-load power consumption as low as 0.12W
Isolation voltage :1500VDC
Input under-voltage protection, output over
-voltage, over-current, short circuit protection
Operating temperature range: -40℃ to +85℃
Meet CISPR22/EN55022 CLASS A
A2S (wring mounting) and A4S (35mm rail
mounting)
products
featuring
anti-reverse
connection for input
Meet UL60950 , EN60950 and IEC60950
International standard pin-out
URA_YMD-6WR3 & URB_YMD-6WR3 series are isolated 6W DC-DC products with 4:1 input voltage. They feature efficiency up to 88%,
1500VDC isolation, operating temperature of -40℃~+85℃, input under-voltage protection, output over-voltage, over-current, short circuit
protection and EMI meets CISPR22/EN55022 CLASS A, which make them widely applied in medical care, industrial control, electric power,
instruments and communication fields. And extension package A2S and A4S also enable them with reverse voltage protection.
Selection Guide
Certification
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,Min./Typ.)
@ Full Load
Max. Capacitive
Load
(µF)
Nominal
(Range)
Max.
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
UL/CE/CB
URA2405YMD-6WR3
24
(9-36)
40
±5
±600/0
81/83
470
URA2412YMD-6WR3
±12
±250/0
85/87
100
URA2415YMD-6WR3
±15
±200/0
86/88
100
URA2424YMD-6WR3
±24
±125/0
86/88
100
URB2403YMD-6WR3
3.3
1500/0
77/79
1800
URB2405YMD-6WR3
5
1200/0
81/83
1000
URB2409YMD-6WR3
9
667/0
83/85
680
URB2412YMD-6WR3
12
500/0
85/87
470
URB2415YMD-6WR3
15
400/0
86/88
220
URB2424YMD-6WR3
24
250/0
86/88
100
URA4805YMD-6WR3
48
(18-75)
80
±5
±600/0
81/83
470
URA4812YMD-6WR3
±12
±250/0
85/87
100
URA4815YMD-6WR3
±15
±200/0
86/88
100
URB4803YMD-6WR3
3.3
1500/0
77/79
1800
URB4805YMD-6WR3
5
1200/0
81/83
1000
URB4812YMD-6WR3
12
500/0
85/87
470
URB4815YMD-6WR3
15
400/0
86/88
220
URB4824YMD-6WR3
24
250/0
86/88
100
Notes:
1
Part No. with suffix of “A2S” means chassis mounting and suffix of “A4S” means DIN-Rail mounting (e.g. URB2405YMD-6WR3A2S means chassis mounting;
URB2405YMD-6WR3A4S means DIN-Rail mounting);
2
Absolute maximum rating without damage on the converter, but it isn't recommended;
3
Efficiency is measured In nominal input voltage and rated output load;A2S (wiring) and A4S (rail) Model due to input reverse polarity protection, minimum
efficiency greater than Min.-2 is qualified.
4
The capacitive loads of positive and negative outputs are identical.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
24VDC input
--
301/5
309/12
mA
48VDC input
--
150/4
154/8
Reflected Ripple Current
--
20
--
mA


Similar Part No. - URA2405YMD-6WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3 Datasheet
339Kb / 6P
   DC/DC Power Supply Module
More results

Similar Description - URA2405YMD-6WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3 Datasheet
339Kb / 6P
   DC/DC Power Supply Module
URH2405P-6WR3 MORNSUN-URH2405P-6WR3_15 Datasheet
263Kb / 4P
   DC/DC Power Supply Module
logo
STMicroelectronics
SPAC265-8W STMICROELECTRONICS-SPAC265-8W Datasheet
225Kb / 9P
   AC-DC power supply module
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
   DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
   DC/DC Power Supply
logo
Wall Industries,Inc.
DCUPH6 WALL-DCUPH6 Datasheet
437Kb / 5P
   6 Watts DC/DC Power Supply Module Single Output
logo
Shanghai Leiditech Elec...
AP2305GN LEIDITECH-AP2305GN Datasheet
563Kb / 3P
   Power Supply DC-DC Converters
logo
XFMRS Inc.
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
   DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
   DC POWER SUPPLY
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
   DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com