Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QA04 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # QA04
Description  DC/DC Converter for IGBT driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

QA04 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  QA04 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. QA04 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. QA04 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. QA04 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. QA04 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter for IGBT Driver
QA Series
2015.06.03-B/0
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Output
Voltage
QA01-17
+Vo
Vin=15VDC, Pin6 & Pin7 +Io=+80mA
16.5
17
18
VDC
-Vo
Vin=15VDC, Pin5 & Pin6 -Io=-40mA
-7
-8.7
-10
QA02
+Vo
Vin=12VDC, Pin6 & Pin7 +Io=+80mA
14
15
16
-Vo
Vin=12VDC, Pin5 & Pin6 -Io=-40mA
-7
-8.7
-10
QA03
+Vo
Vin=24VDC, Pin6 & Pin7 +Io=+80mA
14
15
16
-Vo
Vin=24VDC, Pin5 & Pin6 -Io=-40mA
-7
-8.7
-10
QA04
+Vo
Vin=12VDC, Pin6 & Pin7 +Io=+100mA
14
15
16
-Vo
Vin=12VDC, Pin5 & Pin6 -Io=-80mA
-7
-8
-9
Output Voltage Accuracy
QA01-09
--
±4
±6
%
Other models
See tolerance envelope graph (Fig. 1)
Line Regulation
Input voltage range
--
±1.2
±1.5
--
Load Regulation
10%-100% load
QA01-09
--
12
26
%
Other models
Positive output
--
8
15
Negative output
--
10
15
Temperature Coefficient
Full load
--
--
±0.03
%/℃
Ripple & Noise*
20MHz bandwidth
--
100
200
mVp-p
Short Circuit Protection
Continuous, self-recovery
Note: * Ripple and noise are measured by “parallel cable” method, please see DC-DC Converter Application Notes for specific operation.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output, with the test time of 1 minute and the leak
current lower than 1mA
3000
--
--
VAC
Isolation Resistance
Input-output, Isolation voltage 500VDC
1000
--
--
Isolation Capacitance
Input-output, 100KHz/0.1V
--
6.6
--
pF
Operating Temperature
Derating when operating temperature up to 85℃, (see Fig. 2)
-40
--
105
Storage Temperature
-55
--
125
Pin Welding Resistance
Temperature
Welding spot is 1.5mm away from the casing, 10 seconds
--
--
300
Casing Temperature Rise
Ta=25℃, nominal input, full load output
--
25
--
Storage Humidity
Non-condensing
--
--
95
%RH
Switching Frequency
Full load, nominal input voltage
--
100
300
KHz
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94-V0)
Dimension
19.50*9.80*12.50mm
Weight
4.30g (Typ.)
Cooling Method
Free convection
EMC Specifications
EMI
CE
CISPR22/EN55022 CLASS B (see Fig. 4 for recommended circuit)
RE
CISPR22/EN55022 CLASS B (see Fig. 4 for recommended circuit)
EMS
ESD
IEC/EN61000-4-2
Contact ±8KV
perf. Criteria B


Similar Part No. - QA04

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
QA04 MORNSUN-QA04 Datasheet
677Kb / 5P
   Application Design For IGBT Driver DC-DC Converter
More results

Similar Description - QA04

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
QC962-8A MORNSUN-QC962-8A Datasheet
237Kb / 5P
   DC-DC Converter for IGBT Driver
QA053-1509R3 MORNSUN-QA053-1509R3 Datasheet
2Mb / 8P
   DC/DC Converter for IGBT Driver
2022.07.19
QA123H-1509R3 MORNSUN-QA123H-1509R3 Datasheet
1Mb / 6P
   DC/DC Converter for IGBT Driver
2022.07.19
QA01 MORNSUN-QA01 Datasheet
677Kb / 5P
   Application Design For IGBT Driver DC-DC Converter
logo
Schurter Inc.
PSDM-6 SCHURTER-PSDM-6 Datasheet
313Kb / 2P
   DC/DC Converter for IGBT- or MOSFET Driver Modules
logo
Powerex Power Semicondu...
VLA500-01 POWEREX-VLA500-01 Datasheet
387Kb / 7P
   Hybrid IC IGBT Gate Driver DC/DC Converter
VLA502-01 POWEREX-VLA502-01 Datasheet
405Kb / 7P
   Hybrid IC IGBT Gate Driver DC/DC Converter
logo
MORNSUN Science& Techno...
QA01C MORNSUN-QA01C_15 Datasheet
1Mb / 4P
   DC/DC Converter for SiC Driver
QA123HC-1504R3 MORNSUN-QA123HC-1504R3 Datasheet
2Mb / 7P
   DC/DC Converter for SiC Driver
2022.07.19
logo
CUI INC
VQA3-S CUI-VQA3-S Datasheet
3Mb / 8P
   IGBT DRIVER DC-DC
10/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com