Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD301D485H-E Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # TD301D485H-E
Description  Isolation transceiver module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD301D485H-E Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  TD301D485H-E_15 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD301D485H-E_15 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD301D485H-E_15 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TD301D485H-E_15 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Industrial Bus
TDx01D485H-E Series
2015.03.10-A/3
Page 4 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Dimensions and Recommended Layout
∅0.50[0.020]
15.24[0.600]
20.00[0.787]
4
8
TD_D485HReceivingPin
TD_D485HBPin
RXD
B
9
10
TD_D485HAPin
IsolationPowerOutputRGND
A
RGND
1
InputPower
VCC
2
GND
GND
3
TD_D485HSendPin
TXD
5
Send&ReceivingControlPin
CON
4
1
2
3
5
8
9
10
3
8
4
1
2
5
9
10
∅1.00[∅0.039]
Pin-Out
Pin
Function
BottomView
FrontView
Note:
Unit:mm[inch]
Pindiametertolerances:±0.10[±0.004]
Generaltolerances:±0.25[±0.010]
Designation
Note:Grid2.54*2.54mm
1104003202-B0
THIRDANGLEPROJECTION
7.00[0.276]
Notes:
1. Packing Information please refer to 'Product Packing Information'. Packing bag number: 58040012;
2. Unless otherwise specified, data in this datasheet should be tested under the conditions of Ta=25℃, humidity<75% when inputting
nominal voltage and outputting rated load;
3. All index testing methods in this datasheet are based on our Company’s corporate standards;
4. The performance indexes of the product models listed in this datasheet are as above, but some indexes of non-standard model
products will exceed the above-mentioned requirements, and please directly contact our technician for specific information;
5. We can provide product customization service;
6. Specifications of this product are subject to changes without prior notice.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Similar Part No. - TD301D485H-E_15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD301D485H-E MORNSUN-TD301D485H-E Datasheet
358Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVERMODULE
More results

Similar Description - TD301D485H-E_15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD301D485 MORNSUN-TD301D485_15 Datasheet
877Kb / 4P
   Isolation transceiver module
logo
Guangzhou Reicu Electro...
PCM8251AT REICU-PCM8251AT Datasheet
5Mb / 1P
   CAN Isolation transceiver module
REV:20.1
PCM1051A REICU-PCM1051A Datasheet
5Mb / 1P
   CAN Isolation transceiver module
REV:20.1
RE3485ECHT REICU-RE3485ECHT Datasheet
5Mb / 1P
   485 Enhanced Isolation Transceiver Module
REV:15.4
logo
MORNSUN Science& Techno...
TD302DCAN MORNSUN-TD302DCAN Datasheet
541Kb / 3P
   DUPLEX UNIVERSAL CAN ISOLATION TRANSCEIVER MODULE
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
logo
MORNSUN Science& Techno...
TD301D485 MORNSUN-TD301D485 Datasheet
349Kb / 3P
   SINGLE LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com