Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH15-10C0515-02 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # LH15-10C0515-02
Description  15W, AC-DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH15-10C0515-02 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  LH15-10C0515-02 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH15-10C0515-02 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH15-10C0515-02 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH15-10C0515-02 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH15-10C0515-02 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH15-10C0515-02 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH15-10C0515-02 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AC/DC Converter
LH15 Series
2015.8.24-B/3
Page 5 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
2. EMC solution-recommended circuit
ACDC
AC(N)
AC(L)
LCM
MOV1 CX
CY1
CY2
FUSE
AC(N)
AC(L)
+Vo
-Vo
+
LDM
C1
C2
TVS1
RL
Can use MORNSUN s FC-LX1D
'
Fig 5: EMC Recommended circuit with higher requirements
Element model
Recommended value
MOV1
S14K300
CY1 , CY2
1000pF/400VAC
CX
0.1μF/275VAC
LCM
10mH, recommended to use MORNSUN’s FL2D-Z5-103
LDM
4.7μH/2A
FC-LX1D
2KV/4KV EMC filter
FUSE
2A/250V slow fusing, necessary
3. For more information about Mornsun EMC Filter products, please visit www.mornsun-power.com to
download the Selection Guide of EMC Filter
Dimensions and Recommended Layout


Similar Part No. - LH15-10C0515-02

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH15-10C0515-02 MORNSUN-LH15-10C0515-02 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
More results

Similar Description - LH15-10C0515-02

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LDE15-20B03 MORNSUN-LDE15-20B03 Datasheet
1Mb / 6P
   15W, AC-DC converter
LH15-10D0524-04 MORNSUN-LH15-10D0524-04 Datasheet
384Kb / 4P
   15W, AC-DC CONVERTER
LHE15-20B03 MORNSUN-LHE15-20B03 Datasheet
1Mb / 5P
   15W, AC-DC converter
LO15-22C0612-04 MORNSUN-LO15-22C0612-04 Datasheet
1,011Kb / 3P
   15W, AC-DC converter
LHE15-20A05 MORNSUN-LHE15-20A05 Datasheet
1Mb / 6P
   15W, AC-DC converter
LO15-10B03 MORNSUN-LO15-10B03 Datasheet
859Kb / 3P
   15W, AC-DC converter
logo
STMicroelectronics
GS15T48-5 STMICROELECTRONICS-GS15T48-5 Datasheet
40Kb / 3P
   15W DC-DC CONVERTER
December 1993
logo
List of Unclassifed Man...
WDD15-03S4 ETC-WDD15-03S4 Datasheet
152Kb / 3P
   DC-DC CONVERTER 12 - 15W
logo
ETA-USA
WRM-00X-O ETA-USA-WRM-00X-O Datasheet
825Kb / 3P
   15W AC/DC Triple Output
logo
List of Unclassifed Man...
P15D ETC1-P15D Datasheet
206Kb / 2P
   15W DC-DC Converter P15D-Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com