Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN01-12B05 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # LN01-12B05
Description  AC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LN01-12B05 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LN01-12B05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LN01-12B05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LN01-12B05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LN01-12B05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LN01-12B05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AC/DC Converter
LNxx-12Bxx Series
2014.12.11-A/1
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Stand-by Power Consumption
LN01/ LN02 models
--
--
0.3
W
LN03 models
--
--
0.4
Short Circuit Protection
Hiccup, continuous, self-recovery
Over-current Protection
≥110%Io self-recovery
Min. Load
0--
--
%
Hold-up Time
165VAC input
LN01 models
--
16
--
ms
LN02 models
--
8
--
LN03 models
--
6
--
230VAC input
LN01 models
--
30
--
LN02 models
--
16
--
LN03 models
--
10
--
Note: * Ripple and noise are measured by “parallel cable” method, please see AC-DC Converter Application Notes for specific operation.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output
Test time: 1min
3000
--
--
VAC
Operating Temperature
-40
--
+70
Storage Temperature
-40
--
+105
Storage Humidity
--
--
95
%RH
Welding Temperature
Wave-soldering
260±5℃; time:5~10s
Manual-welding
360±10℃; time:3~5s
Switching Frequency
--
115
--
kHz
Safety Standard
IEC60950/EN60950/UL60950
Safety Class
CLASS I I
MTBF
MIL-HDBK-217F@25℃ >300,000 h
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94-V0)
Dimensions
37.00*24.50*18.00 mm
Weight
25g(Typ.)
Cooling method
Free convection
EMC Specifications
EMI
CE
CISPR22/EN55022, CLASS B
RE
CISPR22/EN55022, CLASS B
EMS
ESD
IEC/EN61000-4-2 Contact±6KV/Air8KV
Perf. Criteria B
RS
IEC/EN61000-4-3 10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4 ±2KV
perf. Criteria B
IEC/EN61000-4-4 ±4KV (See Fig. 2 for recommended circuit)
perf. Criteria B
Surge
IEC/EN61000-4-5 ±2KV
perf. Criteria B
IEC/EN61000-4-5 ±2KV/4KV (See Fig. 2 for recommended circuit)
perf. Criteria B
CS
IEC/EN61000-4-6 10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8 10A/m
perf. Criteria A
Voltage dips, short interruptions and voltage
variations immunity
IEC/EN61000-4-11 0%-70%
perf. Criteria B


Similar Part No. - LN01-12B05

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN01201C PANASONIC-LN01201C Datasheet
31Kb / 1P
   Minibright LED Series
LN01201CAL PANASONIC-LN01201CAL Datasheet
28Kb / 1P
   Ultra Bright GaAIAs Lamps
LN01201CALU PANASONIC-LN01201CALU Datasheet
28Kb / 1P
   Ultra Bright GaAIAs Lamps
LN01201Q PANASONIC-LN01201Q Datasheet
31Kb / 1P
   Minibright LED Series
LN01203C PANASONIC-LN01203C Datasheet
32Kb / 1P
   Minibright LED Series
More results

Similar Description - LN01-12B05

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com