Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH40-10B12 Datasheet(PDF) 7 Page - MORNSUN Science& Technology Ltd.

Part # LH40-10B12
Description  40W, AC/DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH40-10B12 Datasheet(HTML) 7 Page - MORNSUN Science& Technology Ltd.

  LH40-10B12 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH40-10B12 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH40-10B12 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH40-10B12 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH40-10B12 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH40-10B12 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH40-10B12 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AC/DC Converter
LH40 Series
2015.03.02-A/3
Page 7 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
A6 DIN-rail Package Dimensions
Notes:
1. Packing Information please refer to 'Product Packing Information'. Packing bag number: 58220021(Horizontal package),
58220031(A5/A6 package);
2. Unless otherwise specified, data in this datasheet should be tested under the conditions of Ta=25℃, humidity<75% when inputting
nominal voltage and outputting rated load;
3. All index testing methods in this datasheet are based on our Company’s corporate standards;
4. The performance indexes of the product models listed in this manual are as above, but some indexes of non-standard model products
will exceed the above-mentioned requirements, and please directly contact our technician for specific information;
5. We can provide product customization service;
6. Specifications of this product are subject to changes without prior notice.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Similar Part No. - LH40-10B12

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH40-10B12 MORNSUN-LH40-10B12 Datasheet
566Kb / 5P
   40W竊?AC-DC CONVERTER
More results

Similar Description - LH40-10B12

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LHE40-20B03 MORNSUN-LHE40-20B03 Datasheet
1Mb / 6P
   40W, AC/DC converter
LH40-13B12 MORNSUN-LH40-13B12 Datasheet
917Kb / 5P
   40W, AC/DC converter
LH40-10D0524-12 MORNSUN-LH40-10D0524-12 Datasheet
667Kb / 3P
   40W, AC/DC converter
LH40-10B03 MORNSUN-LH40-10B03 Datasheet
566Kb / 5P
   40W竊?AC-DC CONVERTER
logo
Murata Power Solutions ...
MVAD040-12 MURATA-PS-MVAD040-12 Datasheet
258Kb / 5P
   40W 2" x 4" AC-DC Power Supply Converter
MVAD040-05 MURATA-PS-MVAD040-05 Datasheet
282Kb / 6P
   40W 2 x 4 AC-DC Power Supply Converter
logo
Delta Electronics, Inc.
S24SP12004 DELTA-S24SP12004 Datasheet
636Kb / 6P
   40W Single Output DC/DC Converter
logo
Murata Power Solutions ...
MVAD040-24 MURATA-PS-MVAD040-24 Datasheet
282Kb / 6P
   40W 2 x 4 AC-DC Power Supply Converter
MVAD040-48 MURATA-PS-MVAD040-48 Datasheet
282Kb / 6P
   40W 2 x 4 AC-DC Power Supply Converter
logo
HY-LINE Power Component...
P40A24S3P3 HY-LINE-P40A24S3P3 Datasheet
152Kb / 2P
   40W DC-DC Converter P40A-Series
Rev: 11 / 2004 f
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com