Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH10-13B03 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # LH10-13B03
Description  5-25W, AC/DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-13B03 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LH10-13B03 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH10-13B03 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH10-13B03 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-13B03 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH10-13B03 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH10-13B03 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AC/DC Converter
LH(05-25)-13Bxx Series
2015.03.02-A/1
Page 2 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
AC input
85
--
305
VAC
DC input
100
--
430
VDC
Input Frequency
47
--
63
Hz
Input current
115VAC
LH05 models
--
--
0.125
A
LH10 models
--
--
0.26
LH15 models
--
--
0.37
LH20/LH25 models
--
--
0.6
230VAC
LH05 models
--
--
0.08
LH10 models
--
--
0.16
LH15 models
--
--
0.22
LH20/LH25 models
--
--
0.34
Inrush current
115VAC
LH05/LH10/LH15 models
--
10
--
LH20/LH25 models
--
15
--
230VAC
LH05/LH10 models
--
15
--
LH15 models
--
20
--
LH20/ LH25 models
--
30
--
Leakage current
0.3mA RMS typ./230VAC/50Hz
Recommended External Input
Fuse(Special package series include fuse)
LH05 models
1A/300V, slow fusing
LH10/LH15 models
2A/300V, slow fusing
LH20/ LH25 models
3.15A/300V, slow fusing
Hot Plug
Unavailable
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±2
--
%
Line Regulation
Full load
--
±0.5
--
Load Regulation
10%-100% load
--
±1
--
Ripple & Noise*
20MHz bandwidth (peak-peak value)
--
50
100
mV
Temperature Coefficient
--
±0.02
--
%/℃
Short Circuit Protection
Hiccup, Continuous, self-recovery
Over-current Protection
110%Io self-recovery
Over-voltage Protection
LH05 models
Over-voltage shutdown
LH10/ LH15/ LH20/ LH25
models
3.3 / 5VDC Output
7.5VDC
9VDC Output
12VDC
12 / 15VDC Output
20VDC
24VDC Output
30VDC
48VDC Output
60VDC
Min. Load
0--
--
%
Trim
LH20/ LH25 models
--
--
±10
Hold-up Time
115VAC input
--
15
--
ms
230VAC input
--
80
--
Note: * Ripple and noise tested with “parallel cable” method, please see
AC-DC Converter Application Notes for specific operation methods.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage*
Input-output
Test time: 1min
3000
--
--
VAC
Input-
2000
--
--
Operating Temperature
-40
--
+70


Similar Part No. - LH10-13B03

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-13B03 MORNSUN-LH10-13B03 Datasheet
265Kb / 6P
   AC-DC CONVERTER
More results

Similar Description - LH10-13B03

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
logo
List of Unclassifed Man...
KDD25-12S01 ETC2-KDD25-12S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com