Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH40-10B05 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # LH40-10B05
Description  40W, AC/DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH40-10B05 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  LH40-10B05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH40-10B05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH40-10B05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH40-10B05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH40-10B05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH40-10B05 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH40-10B05 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AC/DC Converter
LH40 Series
2015.03.02-A/3
Page 5 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
EMC solution-recommended circuit PCB layout
Fig 5
Suggestions for safety regulation and wiring width: wire width ≥3mm, distance between wires ≥6mm, and distance between wire and
ground ≥6mm
Element model
Recommended value
MOV1
S14K350
MOV2, MOV3
S07K350
CX
0.15μF/300VAC
CY1
2.2nF/400VAC
CY2
2.2nF /400VAC
R1
1MΩ/2W
LCM
2.2 mH, recommended to use MORNSUN’s FL2D-10-222;
NTC
5D-14
FUSE
3.15A/250V, slow fusing, necessary
3. Application of Trim and calculation of Trim resistance
0V
R2
R1
R3
Vref
RT
Trim
+Vot
0V
R2
R1
R3
Vref
RT
Trim
+Vot
Trim up
Trim down
Applied circuits of Trim (Part in broken line is the interior of models)
Calculation formula of Trim resistance:
up:
a=
Vref
Vot-Vref
R1
R=
T
aR2
R-a
2
-R3
down:
a=
Vref
Vot-Vref
R2
R=
T
aR1
R-a
1
-R3
RT is Trim resistance, a is a self-defined
parameter, with no real meaning.
Vout
R1(KΩ)R2(KΩ)R3(KΩ)
Vref(V)
Vot(V)
3.3V
2
1.2
1
1.24
Output voltage
after regulation,
variation ≤ ±10%
5V
3.3
3.3
1
2.5
9V
4.7
1.8
1
2.5
12V
3.83
1
1
2.5
15V
4.99
1
1
2.5
24V
8.66
1
1
2.5
4. For more information about Mornsun EMC Filter products, please visit www.mornsun-power.com to
download the Selection Guide of EMC Filter


Similar Part No. - LH40-10B05

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH40-10B05 MORNSUN-LH40-10B05 Datasheet
566Kb / 5P
   40W竊?AC-DC CONVERTER
More results

Similar Description - LH40-10B05

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LHE40-20B03 MORNSUN-LHE40-20B03 Datasheet
1Mb / 6P
   40W, AC/DC converter
LH40-13B12 MORNSUN-LH40-13B12 Datasheet
917Kb / 5P
   40W, AC/DC converter
LH40-10D0524-12 MORNSUN-LH40-10D0524-12 Datasheet
667Kb / 3P
   40W, AC/DC converter
LH40-10B03 MORNSUN-LH40-10B03 Datasheet
566Kb / 5P
   40W竊?AC-DC CONVERTER
logo
Murata Power Solutions ...
MVAD040-12 MURATA-PS-MVAD040-12 Datasheet
258Kb / 5P
   40W 2" x 4" AC-DC Power Supply Converter
MVAD040-05 MURATA-PS-MVAD040-05 Datasheet
282Kb / 6P
   40W 2 x 4 AC-DC Power Supply Converter
logo
Delta Electronics, Inc.
S24SP12004 DELTA-S24SP12004 Datasheet
636Kb / 6P
   40W Single Output DC/DC Converter
logo
Murata Power Solutions ...
MVAD040-24 MURATA-PS-MVAD040-24 Datasheet
282Kb / 6P
   40W 2 x 4 AC-DC Power Supply Converter
MVAD040-48 MURATA-PS-MVAD040-48 Datasheet
282Kb / 6P
   40W 2 x 4 AC-DC Power Supply Converter
logo
HY-LINE Power Component...
P40A24S3P3 HY-LINE-P40A24S3P3 Datasheet
152Kb / 2P
   40W DC-DC Converter P40A-Series
Rev: 11 / 2004 f
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com