Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH15-10B12 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # LH15-10B12
Description  15W, AC-DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH15-10B12 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LH15-10B12 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH15-10B12 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH15-10B12 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH15-10B12 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH15-10B12 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH15-10B12 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH15-10B12 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AC/DC Converter
LH15 Series
2015.8.24-B/3
Page 2 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Inrush current
115VAC
--
10
--
230VAC
--
20
--
Leakage current
0.3mA RMS typ./230VAC/50Hz
Recommended External Input
Fuse(Special package series include fuse)
2A/250V, slow fusing
Hot Plug
Unavailable
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
Main
circuit
3.3V Output
--
±3
--
%
Others output
--
±2
--
Line Regulation
Full load
Main circuit
--
±0.5
--
Auxiliary circuit
--
±1.5
--
Load Regulation
10%-100%
load
Single output
--
±1
--
Dual output(balanced load)
--
±2
--
Isolated triple output
(balanced load)
Main circuit Vo1
--
±3
--
Auxiliary circuit ±Vo2
--
±5
--
Isolated and separated twin
output (balanced load)
Main circuit Vo1
--
±3
--
Auxiliary circuit Vo2
--
±5
--
Ripple & Noise*
Main circuit 20MHz bandwidth (peak-peak value)
--
50
100
mV
Temperature Coefficient
Main circuit
--
±0.02
--
%/°C
Short Circuit Protection
Continuous, self-recovery
Over-current Protection
≥110%Io self-recovery
Over-voltage Protection
Main circuit
3.3 / 5VDC Output
7.5VDC
9VDC Output
13VDC
12 /15VDC Output
20VDC
24VDC Output
30VDC
48VDC Output
60VDC
Min. Load
Single output
0
--
--
%
Dual output (balanced load)
10
--
--
Isolated and separated twin output (balanced load)
10
--
--
Isolated triple output (balanced load)
10
--
--
Hold-up Time
115VAC input
--
15
--
ms
230VAC input
--
80
--
Note: * Ripple and noise are measured by “parallel cable” method, please see AC-DC Converter Application Notes for specific operation.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output
Test time: 1min
3000
--
--
VAC
Operating Temperature
Single output, Isolated and separated twin output
-40
--
+70
°C
Dual output, Isolated triple output
-25
--
+70
Storage Temperature
Single output, Isolated and separated twin output
-40
--
+105
Dual output, Isolated triple output
-25
--
+105
Storage Humidity
--
--
95
%RH
Welding Temperature
Wave-soldering
260±5℃; time:5~10s
Manual-welding
360±10℃; time:3~5s
Switching Frequency
65
kHz
Power Derating
-40℃~-10℃(Single output、Isolated and separated twin
output )
2.0
--
--
%/°C
-25℃~-10℃(Dual output, Isolated triple output)
2.0
--
--
55℃~+70℃
Single output, Isolated and separated
twin output
4.0
--
--


Similar Part No. - LH15-10B12

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH15-10B12 MORNSUN-LH15-10B12 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH15-10B12E MORNSUN-LH15-10B12E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
LH15-10B12ER2 MORNSUN-LH15-10B12ER2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
More results

Similar Description - LH15-10B12

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LDE15-20B03 MORNSUN-LDE15-20B03 Datasheet
1Mb / 6P
   15W, AC-DC converter
LH15-10D0524-04 MORNSUN-LH15-10D0524-04 Datasheet
384Kb / 4P
   15W, AC-DC CONVERTER
LHE15-20B03 MORNSUN-LHE15-20B03 Datasheet
1Mb / 5P
   15W, AC-DC converter
LO15-22C0612-04 MORNSUN-LO15-22C0612-04 Datasheet
1,011Kb / 3P
   15W, AC-DC converter
LHE15-20A05 MORNSUN-LHE15-20A05 Datasheet
1Mb / 6P
   15W, AC-DC converter
LO15-10B03 MORNSUN-LO15-10B03 Datasheet
859Kb / 3P
   15W, AC-DC converter
logo
STMicroelectronics
GS15T48-5 STMICROELECTRONICS-GS15T48-5 Datasheet
40Kb / 3P
   15W DC-DC CONVERTER
December 1993
logo
List of Unclassifed Man...
WDD15-03S4 ETC-WDD15-03S4 Datasheet
152Kb / 3P
   DC-DC CONVERTER 12 - 15W
logo
ETA-USA
WRM-00X-O ETA-USA-WRM-00X-O Datasheet
825Kb / 3P
   15W AC/DC Triple Output
logo
List of Unclassifed Man...
P15D ETC1-P15D Datasheet
206Kb / 2P
   15W DC-DC Converter P15D-Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com