Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H0515S-1W Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # H0515S-1W
Description  FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

H0515S-1W Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  H0515S-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. H0515S-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. H0515S-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. H0515S-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. H0515S-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
H_S-1W & G_S-1W
2015.04.27-B/4 Page 5 of 5
DESIGN CONSIDERATIONS
1) Requirement for output load
To ensure this module can operate efficiently and reliably, the minimum output load could not be less than 10% of the full load. If the actual output
power is very small, please connect a resistor to the output in parallel to increase the load.
2) Overload Protection
Under normal operating conditions, the output circuit of these products have not overload protection. The simplest method is to add a breaker
circuit in the circuit.
3) Recommended circuit
If you want to further decrease the input/output ripple, an capacitor filtering network may be connected to the input and output ends of the DC/DC
converter, refer to Figure 3.
It should also be noted that the capacitance of the capacitor must be proper. If the capacitance is too large, a startup problem might arise.For
ensuring every channel of output can provide a safe and reliable operation , the recommended capacitance of the capacitor refer to Table 1.
Vin
GND
+Vo
0V
DC
Cin
L
L
DC
L Cout
Cout
-Vo
Dual O utput
L
Single O utput
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
(Figure 3)
EXTERNAL CAPACITOR TABLE (Table 1)
Vin
(VDC)
Cin
(µF)
Single Vout
(VDC)
Cout
(µF)
Dual Vout
(VDC)
Cout
(µF)
5
4.7
3.3
10
--
--
5
4.7
5
10
±5
4.7
12
2.2
9
4.7
±9
2.2
15
2.2
12
2.2
±12
2.2
24
1
15
1
±15
1
It’s not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
4)
The input and the output of the product are recommended to be connected to ceramic capacitor or electrolytic capacitor. Using
tantalum capacitor may cause risk of failure.
5) It is not recommended to increase the output power capability by connecting two or more converters in parallel. The product is not
hot-swappable
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specifications.
2. Max. Capacitive Load is tested at nominal input voltage and full load.
3. Unless otherwise noted, All specifications are measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load.
4. In this datasheet, all test methods are based on our corporate standards.
5. All characteristics are for listed models, and non-standard models may perform differently.Please contact our technical support for more detail.
6. Please contact our technical support for any specific requirement.
7. Specifications of this product are subject to changes without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com


Similar Part No. - H0515S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
H0515S-1W MORNSUN-H0515S-1W Datasheet
139Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
H0515S-1W MORNSUN-H0515S-1W Datasheet
1,014Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
logo
Guangzhou Reicu Electro...
H0515S-1W REICU-H0515S-1W Datasheet
1Mb / 1P
   6000VDC Isolated 1W Single Output SIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
H0515S-1WR2 MORNSUN-H0515S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
H0515S-1WR2 MORNSUN-H0515S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
More results

Similar Description - H0515S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
H0503S-1W MORNSUN-H0503S-1W Datasheet
1,014Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
A0503S-1WR3 MORNSUN-A0503S-1WR3 Datasheet
649Kb / 5P
   1W, Fixed input voltage, isolated & unregulated dual/single output
logo
GAPTEC Electronic GmbH ...
2S4A GAPTEC-2S4A Datasheet
1Mb / 3P
   2W - Single Output - Fixed Input - Isolated & Unregulated
logo
MORNSUN Science& Techno...
E0503S-1WR3 MORNSUN-E0503S-1WR3 Datasheet
632Kb / 5P
   1W, Fixed input voltage , isolated & unregulated dual/single output
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
logo
GAPTEC Electronic GmbH ...
3S4A-1UP GAPTEC-3S4A-1UP Datasheet
819Kb / 3P
   3W Single Output - Fixed Input - Isolated & Unregulated
3S4A GAPTEC-3S4A Datasheet
361Kb / 3P
   3W Single Output - Fixed Input - Isolated & Unregulated
3S7A GAPTEC-3S7A Datasheet
1Mb / 3P
   3W Single Output - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
2H-XVD MICRODC-2H-XVD Datasheet
456Kb / 2P
   FIXED INPUT,ISOLATED UNREGULATED Single/Dual Output DC/DC Converter
logo
GAPTEC Electronic GmbH ...
1D14B GAPTEC-1D14B Datasheet
989Kb / 3P
   1W Single/Dual Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com