Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0503XT-2WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # B0503XT-2WR2
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B0503XT-2WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  B0503XT-2WR2_15 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B0503XT-2WR2_15 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B0503XT-2WR2_15 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B0503XT-2WR2_15 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B0503XT-2WR2_15 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC/DC Converter
B_XT-2WR2 Series
2015.04.17-A/2
Page 3 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Product Characteristic Curve
3.3VDC output
-10%
80%
20%
10%
40%
60%
-5%
0
+5%
+10%
100%
Typ.
Min.
Max.
-15%
-7.5%
+1.0%
-15%
Tolerance Envelope Curve
Output Current Percentage(%)
(Nominal Input Voltage)
Other output
-10%
80%
20%
10%
40%
60%
-5%
0
+5%
+10%
+15%
100%
Typ.
Min.
Max.
-7.5%
-2.5%
+2.5%
Output Current Percent(%)
(Nominal Input Voltage)
Tolerance Envelope Curve
Fig. 1
120
100
80
60
40
20
0
-40
0
40
71
105
Ambient Temp.( )
Safe Operating Area
Temperature Derating Curve
85
50
5V output
Other output
Fig. 2
B0505XT-2WR2
50
55
60
65
70
75
80
85
90
95
100
4.5 4.6 4.7 4.8 4.9 5
5.1 5.2 5.3 5.4 5.5
Input Voltage(V)
Efficiency Vs Input Voltage (Full Load)
B0505XT-2WR2
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage(%)
Efficiency Vs Output Load(Vin=5V)
B1212XT-2WR2
50
55
60
65
70
75
80
85
90
95
100
10.8 11.0 11.3 11.8 12.0 12.2 12.5 12.8 13.0 13.2
Input Voltage(V)
Efficiency Vs Input Voltage (Full Load)
B1212XT-2WR2
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage(%)
Efficiency Vs Output Load(Vin=12V)


Similar Part No. - B0503XT-2WR2_15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0503XT-2WR2 MORNSUN-B0503XT-2WR2 Datasheet
189Kb / 4P
   DC/DC Converter
More results

Similar Description - B0503XT-2WR2_15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com