Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5140 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS5140
Description  FOUR-CHANNEL DC/DC CONTROLLER FOR NOTEBOOK PC POWER
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5140 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS5140_15 Datasheet HTML 2Page - Texas Instruments TPS5140_15 Datasheet HTML 3Page - Texas Instruments TPS5140_15 Datasheet HTML 4Page - Texas Instruments TPS5140_15 Datasheet HTML 5Page - Texas Instruments TPS5140_15 Datasheet HTML 6Page - Texas Instruments TPS5140_15 Datasheet HTML 7Page - Texas Instruments TPS5140_15 Datasheet HTML 8Page - Texas Instruments TPS5140_15 Datasheet HTML 9Page - Texas Instruments TPS5140_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
TPS5140
FOUR-CHANNEL DC/DC CONTROLLER FOR NOTEBOOK PC POWER
SLVS305A – DECEMBER 2000 – REVISED JANUARY 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram—power good block
PG Comp.1
PG Comp.2
PG Comp.3
OR Logic
_
+
+
4.5 V
5-V Series
Regulator
50 mA Max.
UVLO
3.3-V Series
Regulator
Vref
1.185 V
Timer
STBY_VREF5
STBY_VREF3.3
VREF3.3
VREF5
REG5V_IN
EXT_PG
PGOUT
(open drain)
PG_DELAY
REF
VCC


Similar Part No. - TPS5140_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5140PAG TI-TPS5140PAG Datasheet
1,015Kb / 59P
[Old version datasheet]   FOUR-CHANNEL DC/DC CONTROLLER FOR NOTEBOOK PC POWER
TPS5140PAGR TI-TPS5140PAGR Datasheet
1,015Kb / 59P
[Old version datasheet]   FOUR-CHANNEL DC/DC CONTROLLER FOR NOTEBOOK PC POWER
TPS5140PAGRG4 TI-TPS5140PAGRG4 Datasheet
1,015Kb / 59P
[Old version datasheet]   FOUR-CHANNEL DC/DC CONTROLLER FOR NOTEBOOK PC POWER
More results

Similar Description - TPS5140_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5140 TI-TPS5140 Datasheet
1,015Kb / 59P
[Old version datasheet]   FOUR-CHANNEL DC/DC CONTROLLER FOR NOTEBOOK PC POWER
TPS5102 TI-TPS5102 Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102 TI1-TPS5102_08 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
logo
Toshiba Semiconductor
TPCA8A02-H TOSHIBA-TPCA8A02-H Datasheet
208Kb / 8P
   High Efficiency DC-DC Converter Applications Notebook PC Applications
TPC8A05-H TOSHIBA-TPC8A05-H Datasheet
228Kb / 8P
   High Efficiency DC-DC Converter Applications Notebook PC Applications
TPC8037-H TOSHIBA-TPC8037-H Datasheet
215Kb / 7P
   High-Efficiency DC-DC Converter Applications Notebook PC Applications
TPC8A01 TOSHIBA-TPC8A01_06 Datasheet
460Kb / 12P
   DC-DC CONVERTER Notebook PC Portable Machines and Tools
logo
Summit Microelectronics...
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
logo
Rohm
BD9533EKN ROHM-BD9533EKN Datasheet
354Kb / 6P
   Step down DC/DC converter Controller for NOTE PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com