Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS78330DDCR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78330DDCR
Description  TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78330DDCR Datasheet(HTML) 5 Page - Texas Instruments

  TPS78330DDCR Datasheet HTML 1Page - Texas Instruments TPS78330DDCR Datasheet HTML 2Page - Texas Instruments TPS78330DDCR Datasheet HTML 3Page - Texas Instruments TPS78330DDCR Datasheet HTML 4Page - Texas Instruments TPS78330DDCR Datasheet HTML 5Page - Texas Instruments TPS78330DDCR Datasheet HTML 6Page - Texas Instruments TPS78330DDCR Datasheet HTML 7Page - Texas Instruments TPS78330DDCR Datasheet HTML 8Page - Texas Instruments TPS78330DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPS783
www.ti.com
SBVS133A – FEBRUARY 2010 – REVISED NOVEMBER 2014
6.5 Electrical Characteristics
At TJ = –40°C to 105°C, VIN = VOUT(nom) + 0.5 V or 2.2 V, whichever is greater; IOUT = 100 μA, VEN = VIN, COUT = 1.0 μF,
and fixed VOUT test conditions (unless otherwise noted). Typical values at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.2
5.5
V
Nominal
TJ = 25°C
–2%
2%
VOUT
DC output accuracy
Over VIN, IOUT, VOUT + 0.5 V ≤ VIN ≤ 5.5 V,
–3.0%
±2.0%
3.0%
temperature
100
μA ≤ IOUT ≤ 150 mA
ΔVO(ΔVI)
Line regulation
VOUT(nom) + 0.5 V ≤ VIN ≤ 5.5 V
±1.0%
ΔVO(ΔIO)
Load regulation
100
μA ≤ IOUT ≤ 150 mA
±1.0%
VDO
Dropout voltage(1)
VIN = 95% VOUT(nom), IOUT = 150 mA
130
250
mV
ILIM
Output current limit
VOUT = 0.90 × VOUT(nom)
150
230
400
mA
IOUT = 0 mA
420
800
nA
IGND
GND pin current
IOUT = 150 mA
8
μA
IEN
EN pin current
VIN = VEN = 5.5 V
0.07
40
nA
ISHDN(GND)
Shutdown current at GND pin
VEN ≤ 0.4 V, VIN(min) ≤ VIN < 5.5 V
(2)
18
150
nA
Shutdown current at OUT pin
VIN = open, VEN = 0.4 V,
ISHDN(OUT)
137
500
nA
(leakage)(3)
VOUT = VOUT(nom)
VEN(HI)
Enable high-level voltage
VIN = 5.5 V
1.2
VIN
V
VEN(LO)
Enable low-level voltage
VIN = 5.5 V
0
0.4
V
f = 10 Hz
40
dB
VIN = 4.3 V,
PSRR
Power-supply rejection ratio
VOUT = 3.0 V,
f = 100 Hz
20
dB
IOUT = 150 mA
f = 1 kHz
15
dB
BW = 100 Hz to 100 kHz, VIN = 2.2 V,
Vn
Output noise voltage
86
μVRMS
VOUT = 1.2 V, IOUT = 1 mA
COUT = 1.0 μF, VOUT = 10% VOUT(nom) to
tSTR
Startup time(4)
500
μs
VOUT = 90% VOUT(nom)
Shutdown, temperature increasing
160
°C
Tsd
Thermal shutdown temperature
Reset, temperature decreasing
140
°C
TJ
Operating junction temperature
–40
125
°C
(1)
VDO is not measured for devices with VOUT(nom) ≤ 2.3 V because minimum VIN = 2.2 V.
(2)
VIN(min) = (VOUT(nom) + 0.5 V) or 2.2 V, whichever is greater.
(3)
See Shutdown in the Application and Implementation section for more details.
(4)
Time from VEN = 1.2 V to VOUT = 90% (VOUT(nom)).
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS783


Similar Part No. - TPS78330DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78330DDCR TI-TPS78330DDCR Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330DDCR TI-TPS78330DDCR Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330DDCR TI1-TPS78330DDCR Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results

Similar Description - TPS78330DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782 TI-TPS782 Datasheet
1Mb / 28P
[Old version datasheet]   TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Analog Devices
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1 Datasheet
574Kb / 18P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS78225-Q1 TI-TPS78225-Q1_15 Datasheet
846Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com