Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS737 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS737
Description  TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS737 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS737_15 Datasheet HTML 5Page - Texas Instruments TPS737_15 Datasheet HTML 6Page - Texas Instruments TPS737_15 Datasheet HTML 7Page - Texas Instruments TPS737_15 Datasheet HTML 8Page - Texas Instruments TPS737_15 Datasheet HTML 9Page - Texas Instruments TPS737_15 Datasheet HTML 10Page - Texas Instruments TPS737_15 Datasheet HTML 11Page - Texas Instruments TPS737_15 Datasheet HTML 12Page - Texas Instruments TPS737_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
(V)
IN
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
-50
-25
0
25
50
75
100
125
Temperature(°C)
V
=1.2V
OUT
-0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
Output Voltage (V)
I
CL
I
SC
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0
0.5
V
= 3.3V
OUT
1
0.1
0.01
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
=0.5V
ENABLE
V
=V
+0.5V
IN
OUT
2500
2000
1500
1000
500
0
0
200
400
600
800
1000
I
(mA)
OUT
V
=5.0V
IN
V
=3.3V
IN
V
=2.2V
IN
3000
2500
2000
1500
1000
500
0
-50
-25
0
25
50
75
100
125
Temperature(°C)
I
=1A
OUT
V
=5.0V
IN
V
=3.3V
IN
V
=2.2V
IN
TPS737
www.ti.com
SBVS067Q – JANUARY 2006 – REVISED MAY 2015
Typical Characteristics (continued)
For all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 1 V, IOUT = 10 mA, VEN = 2.2 V, and COUT = 2.2 μF, unless otherwise
noted.
Figure 8. Ground Pin Current vs Temperature
Figure 7. Ground Pin Current vs Output Current
Figure 9. Ground Pin Current in Shutdown vs Temperature
Figure 10. Current Limit vs VOUT (Foldback)
Figure 11. Current Limit vs VIN
Figure 12. Current Limit vs Temperature
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS737


Similar Part No. - TPS737_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI-TPS73701DCQ Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI-TPS73701DCQ Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI-TPS73701DCQ Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI1-TPS73701DCQ Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS737_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS7A37 TI-TPS7A37_15 Datasheet
1,023Kb / 26P
[Old version datasheet]    1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS7A37 TI1-TPS7A37_16 Datasheet
1Mb / 31P
[Old version datasheet]   High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
TPS7A37 TI1-TPS7A37 Datasheet
1Mb / 24P
[Old version datasheet]   1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com