Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7H1201-HT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7H1201-HT
Description  TPS7H1x01 1.5-V to 7-V, Ultra-Low Dropout (LDO) Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7H1201-HT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS7H1201-HT Datasheet HTML 6Page - Texas Instruments TPS7H1201-HT Datasheet HTML 7Page - Texas Instruments TPS7H1201-HT Datasheet HTML 8Page - Texas Instruments TPS7H1201-HT Datasheet HTML 9Page - Texas Instruments TPS7H1201-HT Datasheet HTML 10Page - Texas Instruments TPS7H1201-HT Datasheet HTML 11Page - Texas Instruments TPS7H1201-HT Datasheet HTML 12Page - Texas Instruments TPS7H1201-HT Datasheet HTML 13Page - Texas Instruments TPS7H1201-HT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
TPS7H1201-HT, TPS7H1101-SP
SLVSAS4H – JUNE 2013 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics for TPS7H1201 (continued)
1.5 V
≤ VIN ≤ 7 V, VOUT(target) = VIN – 0.3 V, IOUT = 10 mA, VEN = 1.1 V, COUT = 22 µF, PG terminal pulled up to VIN with 50 kΩ,
over operating temperature range (TJ = –55°C to 210°C), unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Enable terminal
Eprop Dly
VIN = 2.2 V, EN rise to IOUT rise
650
1000
µs
propagation delay
Enable terminal
VIN = 2.2 V, VOUT = 1.8 V, ILOAD = 0.5 A, COUT = 220 μF,
TEN
1.4
1.6
ms
turn-on delay
CSS = 2 nF
VTHPG
PG threshold on
No load,VOUT = 1.2 V and VOUT = 6.8 V
84%
90%
VTHPGHYS
PG hysteresis
1.5 V
≤ VIN ≤ 7 V
2%
PG terminal output
VOLPG
IPG = 0 to –1 mA
73
300
mV
low
PG terminal
ILKGPG
VOUT > VTHPG, VPG = 7 V
0.02
20
µA
leakage current
ISS
SS terminal current VIN = 1.5 to 7 V
2.5
6.3
µA
SS terminal disable
ISSdisb
VIN = 1.5 to 7 V
5
13
µA
current
SS terminal
VSS
voltage (device
VIN = 1.5 to 7 V
1.2
V
enabled)(3)
1 kHz
45
Power-supply
PSRR
VIN = 2.5 V, VOUT = 1.8 V, COUT = 220 μF
dB
rejection ratio
100 kHz
20
Output noise
VN
BW = 10 Hz to 100 kHz, IOUT = 500 mA, VIN = 2 V, VOUT = 1.8 V
20.26
µVRMS
voltage
Operating junction
TJ
–55
210
°C
temperature
(3)
Any external pullup voltage should not exceed 1.188 V.
10
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPS7H1201-HT TPS7H1101-SP


Similar Part No. - TPS7H1201-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H1201-HT TI1-TPS7H1201-HT Datasheet
1Mb / 34P
[Old version datasheet]   1.5-V to 7-V, ULTRA LOW DROPOUT REGULATOR
TPS7H1201-HT TI1-TPS7H1201-HT Datasheet
2Mb / 30P
[Old version datasheet]   1.5-V to 7-V Input, Ultra-Low Dropout (LDO) Regulator
More results

Similar Description - TPS7H1201-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H1201-HT TI1-TPS7H1201-HT Datasheet
2Mb / 30P
[Old version datasheet]   1.5-V to 7-V Input, Ultra-Low Dropout (LDO) Regulator
TPS7H1101-SP TI1-TPS7H1101-SP Datasheet
1Mb / 34P
[Old version datasheet]   1.5-V to 7-V, ULTRA LOW DROPOUT REGULATOR
TPS7H1101A-SP TI1-TPS7H1101A-SP_17 Datasheet
1Mb / 31P
[Old version datasheet]   1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H1101A-SP TI1-TPS7H1101A-SP Datasheet
989Kb / 29P
[Old version datasheet]   1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
logo
Sanken electric
SI-3010LLSL SANKEN-SI-3010LLSL Datasheet
257Kb / 2P
   1.5 A, Ultra-Low-Dropout, 1.1~3.3 V Regulator
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
logo
Texas Instruments
TPS7H1101A-SP TI-TPS7H1101A-SP_V01 Datasheet
2Mb / 32P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H1101A-SP TI-TPS7H1101A-SP_V02 Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
logo
Texas Instruments
TPS7H1101-SP TI1-TPS7H1101-SP_16 Datasheet
995Kb / 29P
[Old version datasheet]   Radiation-Hardened Ultra-Low Dropout (LDO) Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com