Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-383B Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-383B
Description  SuperNine Threaded Coupling
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-383B Datasheet(HTML) 1 Page - Glenair, Inc.

  240-383B Datasheet HTML 1Page - Glenair, Inc. 240-383B Datasheet HTML 2Page - Glenair, Inc. 240-383B Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
11
© 2015 Glenair, Inc • 1211 Air Way, Glendale, CA 91201 • 818-247-6000 • www.glenair.com • U.S. CAGE code 06324 • Series 94 Sav-Con® Catalog
Dimensions in Inches (millimeters) are subject to change without notice.
Sav-Con® connector savers
MIL-DTL-38999 Series III
240-383B SuperNine® Threaded Coupling
Consult Factory for Additional Filter Types, TVS Diodes, and other Custom Configurations.
How To Order
Sample Part Number
240-383
B
ME
15-35
PS
P
A
N
N
Filter Connector
240-383
Shell Style
B = Connector Adapter
Finish
See Table I
Insert Arrangement
See Table II
Contact Gender
PS = Pins, Plug Side SP = Sockets, Plug Side
Filter Type
P = Pi Circuit C = C Circuit (See Note 1)
Capacitance
See Capacitor Array Code Table
Flange Mounting Style
N = Not Applicable
Alternate Key Position
A, B, C, D, E, N = Normal, U = Universal; See Table III, See Note 3
NOTES
1. Other filter styles (C-L, L-C, Unbalanced Pi, Multi-Stage, Multi-
Value) are available, please consult the factory.
2. Please consult the factory for Pin/Pin and/or Socket/Socket
contact arrangements
3. Do not mate Universal key position with another Universal
Plug
Side
Receptacle
Side
"A" Thread
Class 2a
Ø "B"
Max
2.250 (57.2)
Max
"A" Thread
Class 2B
3 Socket Mating Face
Shown For Reference
Red Full-mate
Indicator Band
Marking Location 2
3 Pin Mating Face
Shown For Reference
Dimensions
Shell
Size
A Thread Class 2
Ø B Max
9
.6250- .1P- .3L-TS
.858 (21.8)
11
.7500- .1P- .3L-TS
.984 (25.0)
13
.8750- .1P- .3L-TS
1.157 (29.4)
15
1.000- .1P- .3L-TS
1.280 (32.5)
17
1.1875- .1P- .3L-TS
1.406 (35.7)
19
1.2500- .1P- .3L-TS
1.516 (38.5)
21
1.3750- .1P- .3L-TS
1.642 (41.7)
23
1.5000- .1P- .3L-TS
1.768 (44.9)
25
1.6250- .1P- .3L-TS
1.890 (48.0)
240-383B HIGH RELIABILITY FILTER CONNECTOR ADAPTER WITH THREADED COUPLING


Similar Part No. - 240-383B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-383 GLENAIR-240-383 Datasheet
315Kb / 1P
   Filter Connector with Threaded Coupling
240-383A GLENAIR-240-383A Datasheet
107Kb / 2P
   Connector Adapter
240-383AH215-35PSC GLENAIR-240-383AH215-35PSC Datasheet
395Kb / 2P
   Filter Connector, Connector Adapter
240-383AH215-35PSP GLENAIR-240-383AH215-35PSP Datasheet
395Kb / 2P
   Filter Connector, Connector Adapter
240-383AH215-35SPC GLENAIR-240-383AH215-35SPC Datasheet
395Kb / 2P
   Filter Connector, Connector Adapter
More results

Similar Description - 240-383B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
881-029R GLENAIR-881-029R Datasheet
407Kb / 2P
   Threaded Coupling
881-002R GLENAIR-881-002R Datasheet
405Kb / 2P
   Threaded Coupling
881-019R GLENAIR-881-019R Datasheet
420Kb / 2P
   Threaded Coupling
881-004R GLENAIR-881-004R Datasheet
452Kb / 2P
   Threaded Coupling
881-020R GLENAIR-881-020R Datasheet
460Kb / 2P
   Threaded Coupling
881-001P GLENAIR-881-001P Datasheet
427Kb / 2P
   Threaded Coupling
881-003R GLENAIR-881-003R Datasheet
450Kb / 2P
   Threaded Coupling
logo
Japan Aviation Electron...
TNC JAE-TNC Datasheet
378Kb / 10P
   THREADED COUPLING
logo
Glenair, Inc.
881-018P GLENAIR-881-018P Datasheet
421Kb / 2P
   Threaded Coupling
logo
Amphenol Corporation
0441021414S100 AMPHENOL-0441021414S100 Datasheet
1Mb / 4P
   Circular Connector Threaded Coupling ??Plastic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com