Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-382 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-382
Description  Low-Profile Filter Connector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-382 Datasheet(HTML) 1 Page - Glenair, Inc.

  240-382 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
C-12
C
Glenair MIL-DTL-38999 Series II Type
Low-Profile Filter Connector with Bayonet Coupling
Master How to Order • Part Number Breakdown
Capacitance
(See Table V)
Insert Arrangement
Per MIL-STD-1560
Filter
Connector
Product
Code
MIL-DTL-38999
Series II
Flange Mounting Style
N - Not Applicable/Mfgs. Option
H - Chamfered Holes
C - Clinch Nuts (4-40 UNC)
M - Metric Clinch Nuts (M3)
Connector
Class
(See Table I)
Shell Style
W - Wall Mount
J - Jam Nut
A - Connector Adapter
Filter Type
P - Pi Circuit
C - C Circuit
Consult Factory for Additional
Filter Types, TVS Diodes, and
other Custom Filter Connector
Configurations.
Contact Gender
P - Pin
S - Socket
PS - Conn. Adapter
(Pins, Plug Side)
SP - Conn. Adapter
(Sockets, Plug Side)
TABLE I: CONNECTOR CLASS
SYM
CLASS
MATERIAL
FINISH DESCRIPTION
M
Environmental
Aluminum
Electroless Nickel
MT
Environmental
Aluminum
Ni-PTFE 1000 Hour GreyTM
Nickel Fluorocarbon Polymer
NF
Environmental
Aluminum
Cadmium O.D. Over Electroless
Nickel
P
Environmental
Stainless
Steel
Electro-Deposited Nickel
ZN
Environmental
Aluminum
Zinc-Nickel Over Electroless Nickel
H2
Hermetic
Stainless
Steel
Electroless Nickel
Alternate Key Position
Per MIL-DTL-38999
A, B, C, D, N = Normal
U = Universal
(Connector Adapters Only)
Termination*
S - Solder Cup
P - PC Tail
*Omit for Connector Adapter.
240 - 382 J M 15-35 P S P A C N
TABLE II: CAPACITOR ARRAY CODE
CAPACITANCE RANGE
CLASS
PI - CIRCUIT (pF)
C - CIRCUIT (pF)
X*
160,000 - 240,000
80,000 - 120,000
Y*
80,000 - 120,000
40,000 - 60,000
Z*
60,000 - 90,000
30,000 - 45,000
A
38,000 - 56,000
19,000 - 28,000
B
32,000 - 45,000
16,000 - 22,500
C
18,000 - 33,000
9,000 - 16,500
D
8,000 - 12,000
4,000 - 6,000
E
3,300 - 5,000
1,650 - 2,500
F
800 - 1,300
400 - 650
G
400 - 600
200 - 300
* Reduced DWV – Please consult factory.


Similar Part No. - 240-382

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-382A GLENAIR-240-382A Datasheet
89Kb / 2P
   Connector Adapter
240-382AM15-35PSC GLENAIR-240-382AM15-35PSC Datasheet
366Kb / 2P
   Connector Adapter
240-382AM15-35PSP GLENAIR-240-382AM15-35PSP Datasheet
366Kb / 2P
   Connector Adapter
240-382AM15-35SPC GLENAIR-240-382AM15-35SPC Datasheet
366Kb / 2P
   Connector Adapter
240-382AM15-35SPP GLENAIR-240-382AM15-35SPP Datasheet
366Kb / 2P
   Connector Adapter
More results

Similar Description - 240-382

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
759-0107-A5 OSCILENT-759-0107-A5 Datasheet
138Kb / 2P
   Ceramic Filter 10.7 MHz Low Profile
logo
Johanson Technology Inc...
2450BP15N0100 JOHANSON-2450BP15N0100 Datasheet
120Kb / 2P
   2.45GHz Low Profile Band Pass Filter
logo
Schaffner International...
FN2500 SCHAFFNER-FN2500 Datasheet
1Mb / 6P
   Low Profile - High performance, EMC/EMI filter
07. Sep 2022
logo
MTRONPTI
LF9392-002 MTRONPTI-LF9392-002 Datasheet
166Kb / 2P
   Specification for an SMD Low Profile LC Filter
logo
DDK Ltd.
Y90 DDK-Y90 Datasheet
368Kb / 3P
   Low Profile Coaxial Connector
logo
Molex Electronics Ltd.
78086-0001 MOLEX-78086-0001 Datasheet
192Kb / 2P
   Low Profile VRM Connector
logo
Schaffner International...
FN2640 SCHAFFNER-FN2640 Datasheet
1Mb / 4P
   Low Profile - High performance, EMC/EMI IEC inlet filter
07. Sep 2022
logo
TDK Electronics
RTEN-5100J9J3-00 TDK-RTEN-5100J9J3-00 Datasheet
605Kb / 3P
   Three-Phase Filter Of Block Terminal and Low Profile
logo
Schaffner International...
FN2660 SCHAFFNER-FN2660 Datasheet
1Mb / 4P
   Low Profile - High performance, EMC/EMI IEC inlet filter
27. Sep 2022
logo
FCI connector
GS-12-008 FCI-CONNECTOR-GS-12-008 Datasheet
164Kb / 10P
   LOW PROFILE VERTICAL CARD CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com