Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM10564 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # UM10564
Description  UBA2017DB1064 2 x 28 W T5 demo board
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UM10564 Datasheet(HTML) 1 Page - NXP Semiconductors

  UM10564 Datasheet HTML 1Page - NXP Semiconductors UM10564 Datasheet HTML 2Page - NXP Semiconductors UM10564 Datasheet HTML 3Page - NXP Semiconductors UM10564 Datasheet HTML 4Page - NXP Semiconductors UM10564 Datasheet HTML 5Page - NXP Semiconductors UM10564 Datasheet HTML 6Page - NXP Semiconductors UM10564 Datasheet HTML 7Page - NXP Semiconductors UM10564 Datasheet HTML 8Page - NXP Semiconductors UM10564 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
UM10564
UBA2017DB1064 2 x 28 W T5 demo board
Rev. 1 — 20 August 2012
User manual
Document information
Info
Content
Keywords
UBA2017P, 2 × 28 W T5 ballast, passive PFC, improved valley fill,
continuous input current
Abstract
This document describes the UBA2017DB1064 demo board for
230 V (AC). The ballast drives two 28 W T5 lamps featuring the
UBA2017P. This user manual describes the performances, technical data
and wiring of the board. This demo board can also be modified to drive
one T5 lamp with a power of either 21 W, 28 W or 35 W.


Similar Part No. - UM10564

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10561 PHILIPS-UM10561 Datasheet
1Mb / 24P
   UBA2017AT reference design for 420 V (DC)
Rev. 1-13 August 2012
UM10562 NXP-UM10562 Datasheet
4Mb / 942P
   LPC408x/407x User manual
Rev. 1-13 September 2012
UM10569 PHILIPS-UM10569 Datasheet
330Kb / 15P
   Store and transport requirements
Rev. 3.00-9 March 2015
More results

Similar Description - UM10564

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10899 PHILIPS-UM10899 Datasheet
552Kb / 27P
   TEA1833DB1361 45 W demo board
Rev. 1-26 August 2015
logo
Infineon Technologies A...
ICE2QS03G INFINEON-ICE2QS03G_16 Datasheet
2Mb / 28P
   45 W adapter demo board
Revision 1.0 2016-06-27
logo
National Semiconductor ...
LM4883-SQ_BOM-001A NSC-LM4883-SQ_BOM-001A Datasheet
43Kb / 1P
   Demo Board
logo
Melexis Microelectronic...
EVB90401 MELEXIS-EVB90401 Datasheet
269Kb / 6P
   MLX90401 Demo Board
logo
International Rectifier
IRCS2277S IRF-IRCS2277S Datasheet
772Kb / 20P
   IRCS2277S Demo Board
logo
NXP Semiconductors
UM10469 PHILIPS-UM10469 Datasheet
914Kb / 17P
   48 V/150 W demo board using the SSL4101
Rev. 1.2-29 December 2014
UM10437 PHILIPS-UM10437 Datasheet
2Mb / 27P
   GreenChip 65 W TEA1738LT/T and TEA1703 demo board
Rev. 1-28 February 2011
logo
Sipex Corporation
SP6121EB SIPEX-SP6121EB Datasheet
419Kb / 6P
   Demo Board Manual
logo
Microchip Technology
DM164120-4 MICROCHIP-DM164120-4 Datasheet
250Kb / 1P
   DM164120-4 - PICkit 2 18-Pin Demo Board
logo
List of Unclassifed Man...
FB80XED-LCD ETC-FB80XED-LCD Datasheet
24Kb / 1P
   7-Segment Demo board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com