Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML620Q155A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ML620Q155A
Description  16-bit micro controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML620Q155A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ML620Q155A Datasheet HTML 7Page - List of Unclassifed Manufacturers ML620Q155A Datasheet HTML 8Page - List of Unclassifed Manufacturers ML620Q155A Datasheet HTML 9Page - List of Unclassifed Manufacturers ML620Q155A Datasheet HTML 10Page - List of Unclassifed Manufacturers ML620Q155A Datasheet HTML 11Page - List of Unclassifed Manufacturers ML620Q155A Datasheet HTML 12Page - List of Unclassifed Manufacturers ML620Q155A Datasheet HTML 13Page - List of Unclassifed Manufacturers ML620Q155A Datasheet HTML 14Page - List of Unclassifed Manufacturers ML620Q155A Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
FEDL620Q150A-01
ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A
11/36
List of Pins
Primary function
Secondary function
Tertiary function
Quaternary function
48
Pin
No.
52
Pin
No.
64
Pin
No.
Pin
name
I/O
Description
Pin
name
I/O
De-
scription
Pin
name
I/O
De-
scription
Pin
name
I/O
De-
scription
3
3
3
Vss
Negative power
supply pin
5
5
5
VDD
Positive power
supply pin
4
4
4
VDDL
Power supply for
internal logic
(internally generated)
46
50
62
P14/
TEST0
I
Input port/
Input pin for testing
47
51
63
RESET_N
I
Reset input pin
48
52
64
TEST1_N
I
Input pin for testing
1
1
1
P12/
XT0
I
Input port/
Low-speed clock
oscillation pin
2
2
2
P13/
XT1
I/O
Input/output port/
Low-speed clock
oscillation pin
6
6
6
VREF
Reference power
supply pin of
Successive-approxi
mation type ADC
37
40
49
P00/EXI0/
PW45EV0
I
Input port /
External interrupt /
PW45EV0 input
38
41
50
P01/EXI1/
PW67EV0
I
Input port /
External interrupt /
PW67EV0 input
39
42
51
P02/EXI2/
RXD0
I
Input port /
External interrupt
UART0 data input
40
43
52
P03/EXI3/
RXD1
I
Input port /
External interrupt
UART1 data input
41
44
53
P04/EXI4
I
Input port /
External interrupt
45
54
P05/EXI5
I
Input port /
External interrupt
42
46
55
P20/
LED0/
O
Output port / LED
drive
LSCLK
O
Low-spe
ed clock
output
PWM4
O
PWM4
output
43
47
56
P21/
LED1/
O
Output port / LED
drive
OUTCLK
O
Low-spe
ed clock
output
PWM5
O
PWM5
output
44
48
57
P22/
LED2/
O
Output port / LED
drive
TMHAO
UT
O
TimerA
output
PWM6
O
PWM6
output
45
49
58
P23/
LED3/
O
Output port / LED
drive
TMHBO
UT
O
TimerB
output
PWM7
O
PWM7
output
7
7
7
P30/EXI6
PW45EV1/
AIN0
I/O
Input/output port /
PW45EV1 input /
Successive
approximation type
ADC input
8
8
8
P31/EXI7
PW67EV1/
AIN1
I/O
Input/output port /
PW67EV1 input /
Successive
approximation type
ADC input
9
9
9
P32/
PW45EV0/
AIN2
I/O
Input/output port /
PW45EV0 input /
Successive
approximation type
ADC input
10
10
10
P33/
PW67EV0/
AIN3
I/O
Input/output port /
PW67EV0 input /
Successive
approximation type


Similar Part No. - ML620Q155A

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q155A LAPIS-ML620Q155A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Rohm
ML620Q155A ROHM-ML620Q155A Datasheet
759Kb / 36P
   16-bit micro controller
More results

Similar Description - ML620Q155A

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q151A LAPIS-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Rohm
FEDL62Q2700 ROHM-FEDL62Q2700 Datasheet
3Mb / 55P
   16-bit micro controller
Feb 17, 2023
logo
LAPIS Semiconductor Co....
ML620Q151B LAPIS-ML620Q151B Datasheet
825Kb / 36P
   16-bit micro controller
ML620Q131 LAPIS-ML620Q131 Datasheet
482Kb / 33P
   16-bit micro controller
logo
Rohm
FEDL62Q2500 ROHM-FEDL62Q2500 Datasheet
1Mb / 40P
   16-bit micro controller
logo
LAPIS Semiconductor Co....
ML620Q131B LAPIS-ML620Q131B Datasheet
803Kb / 34P
   16-bit micro controller
logo
Rohm
ML620Q151A ROHM-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com