Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL9471-01 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FEDL9471-01
Description  Duty 80 Output LCD Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FEDL9471-01 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FEDL9471-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers FEDL9471-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers FEDL9471-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers FEDL9471-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers FEDL9471-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers FEDL9471-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FEDL9471-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FEDL9471-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FEDL9471-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
FEDL9471-01
LAPIS Semiconductor
ML9471
4/20
PIN DESCRIPTION
Symbol
Type
Description
OSC_IN
OSC_OUT
OSC_OUT
I
O
O
Pins for oscillation.
The oscillator circuit is configured by externally connecting two
resistors and a capacitor.
Make the wiring length as short as possible, because
the resistor connected to the OSC_IN pin has a higher value and the circuit is
susceptible to external noise.
DATA_IN
I
Serial data input pin. The display goes on when input data is at a “H” level, and it
goes off when input data is at “L” level.
CLOCK
I
Shift clock input pin.
Data from the DATA_IN pin is transferred in synchronization
with the rising edge of the shift clock.
LOAD
I
Load signal input pin.
Serially input data is transferred to the 80-bit latch at “H”
level of this load signal, then held at “L” level.
BLANK
l
Input pin that turns off all segments.
The entire display goes off when “L” level is
applied to this pin.
The display returns to the previous state when “H” level is
applied.
DSEL1
DSEL2
I
I
Input pins to select 1/3, 1/4, or 1/5 duty.
Following shows how each duty is
selected.
DSEL2
DSEL1
Duty selected
L
L
1/3
L
H
1/4
H
X
1/5
X: Don’t care
COM1 to
COM5
O
Display output pins for LCD.
These pins are connected to the COMMON side of
the LCD panel.
SEG1 to
SEG80
O
Display output pins for LCD.
Theses pins are connected to the SEGMENT side of
the LCD panel.
For the correspondence between the output of these pins and
input data, see the “Data Structure” Section.
VLC1, VLC2,
VLC3
Bias pins for LCD driver. Through these pins, bias voltages for the LCD are
externally supplied.
The bias potential must meet the following condition:
VDD > VLC1  VLC2 > VLC3 =GND
VDD, GND
Supply voltage pin and ground pin.
Note: Built-in schmitt circuit is used for all input pins.


Similar Part No. - FEDL9471-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL9471-01 LAPIS-FEDL9471-01 Datasheet
412Kb / 20P
   1/3, 1/4, 1/5 Duty 80 Output LCD Driver
More results

Similar Description - FEDL9471-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL9473-01 ETC2-FEDL9473-01 Datasheet
196Kb / 20P
   Duty 60 Output LCD Driver
FEDL9476-01 ETC2-FEDL9476-01 Datasheet
221Kb / 20P
   Duty, 16-Output LCD Driver
logo
Sharp Corporation
LH1514 SHARP-LH1514 Datasheet
987Kb / 20P
   80 OUTPUT LCD SEGMENT DRIVER
logo
LAPIS Semiconductor Co....
ML9471 LAPIS-ML9471 Datasheet
412Kb / 20P
   1/3, 1/4, 1/5 Duty 80 Output LCD Driver
logo
List of Unclassifed Man...
ML9471 ETC2-ML9471 Datasheet
558Kb / 20P
   1/3, 1/4, 1/5 Duty 80 Output LCD Driver
logo
Sitronix Technology Co....
ST8008 SITRONIX-ST8008 Datasheet
376Kb / 21P
   80 Output LCD Segment Driver IC
logo
New Japan Radio
NJU6451A NJRC-NJU6451A Datasheet
793Kb / 25P
   80 OUTPUT BIT MAP LCD EXTENSION DRIVER
NJU6453A NJRC-NJU6453A Datasheet
797Kb / 25P
   80 OUTPUT BIT MAP LCD EXTENSION DRIVER?
logo
ON Semiconductor
LC75886PW ONSEMI-LC75886PW_17 Datasheet
495Kb / 36P
   Duty LCD Driver
July 2017 - Rev. 1
LC75806PT ONSEMI-LC75806PT_17 Datasheet
487Kb / 36P
   Duty LCD Driver
June 2017 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com