Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL9286-03 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FEDL9286-03
Description  Vacuum fluorescent display tube controller driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FEDL9286-03 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FEDL9286-03 Datasheet HTML 2Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 3Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 4Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 5Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 6Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 7Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 8Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 9Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
FEDL9286-03
ML9286-xx
6/37
PIN DESCRIPTION
PAD No
Symbol
Type
Connects to
Description
4~38
SEG1 to 35
O
VFD tube
anode
electrode
Fluorescent display tube anode electrode drive output.
Directly connected to fluorescent display tube and a
pull-down resistor is not necessary. IOH > –5.0 mA
39~58
COM1 to 20
O
VFD tube
grid
electrode
Fluorescent display tube grid electrode drive output. Directly
connected to fluorescent display tube and a pull-down resistor
is not necessary. IOH > –30.0 mA
2, 3
AD1, AD2
O
VFD tube
anode
electrode
Fluorescent display tube anode electrode drive output.
Directly connected to fluorescent display tube and a
pull-down resistor is not necessary. IOH > –10.0 mA
63,77
VDD
Power
supply
Power supply pin for internal logic.
1, 59,
60,80
VDISP
Power
supply
Power supply pin for driving fluorescent tubes.
61, 79
D-GND
Power
supply
D-GND pin for driver circuits of a VFD tube.
Connect this pin to the external L-GND.
62, 78
L-GND
Power
supply
L-GND pin for logic circuits.
Connect this pin to the external D-GND.
67
DA
I
Micro
controller
Serial data input. (Built-in Schmitt Circuit)
Input from LSB. (positive logic)
68
CP
I
Micro
controller
Shift clock input. (Built-in Schmitt Circuit)
Serial data is shifted on the rising edge of
CP.
66
CS
I
Micro
controller
Chip select input. (Built-in Schmitt Circuit)
Serial data transfer is disabled when
CS pin is "H" level.
69
RESET
I
Micro
controller
Reset input. (Built-in Schmitt Circuit)"Low" initializes all the
functions. For initial status see Reset Function.
75
OSC0
I
76
OSC1
O
Crystal or
ceramic
resonator
Pins for self-oscillation. Connect these pins to the crystal and
capacitors or to the ceramic resonator and capacitors. The
target oscillation frequency is 4.0 MHz. ( Note that the device
includes the feed back resistor. See Application Circuit. )
70
DO
O
Serial data output pin for test mode. (positive logic) Do not
use in normal operation.
( DO outputs “L” level in normal operation. )
64
XOUT
O
Cascade
connection
Generate output 1/4 clock for OSC0. The main usage is to
connect this pin to the OSC0 pin of the adjacent IC when the
ML9286 is cascaded.
65
SYNCO
O
Cascade
connection
Frame sync signal output pin. A synchronous pulse is output
from this pin immediately before the start of the frame.
74
SYNCI
I
Cascade
connection
Frame sync signal input pin. A synchronous pulse is input
from this pin immediately before the start of the frame.
72
M/S
Cascade
connection
This pin is used for setting the master or salve.
When
M/S = Low, the ML9286 is master mode.
When
M/S = High, the ML9286 is slave mode.
73
DMY-GND
O
The output pin to fix the adjacent input pin to the GND level.
Use this pin only for this purpose.
71
DMY-VDD
O
The output pin to fix the adjacent input pin to the VDD level.
Use this pin only for this purpose.


Similar Part No. - FEDL9286-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL9289-01 ETC2-FEDL9289-01 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
LAPIS Semiconductor Co....
FEDL9289-01 LAPIS-FEDL9289-01 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
More results

Similar Description - FEDL9286-03

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9286-03 ETC2-ML9286-03 Datasheet
425Kb / 37P
   Vacuum fluorescent display tube controller driver
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9289-XX ETC2-ML9289-XX Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209 OKI-ML9209 Datasheet
384Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9286-XX ETC2-ML9286-XX Datasheet
425Kb / 37P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com