Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL9098B-01 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FEDL9098B-01
Description  Clock IC with Static and 1/2-Duty LCD Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FEDL9098B-01 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FEDL9098B-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers FEDL9098B-01 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FEDL9098B-01
ML9098B
8/15
FUNCTIONAL DESCRIPTIONS
Time Base
A 4.194304MHz crystal oscillation circuit (including an amplifier and a feedback resistor) is built in the LSI
* Keep the crystal and external capacitors as close to this LSI as possible to minimize wiring for connections.
* The values of external components, such as a crystal and capacitors, should be determined including capacitance
of user's circuit boards. It is recommended to contact a crystal manufacturer.
7-Segment Display Format
Display Device
1/2-duty dynamic or static LCDs
Relationship between COM Output and Display
Static mode
4f
4a
4g
4b
4c
4e
3c
3f
3a
3g
3e
3b
col
col
colon
2g
2f
2a
2e
2b
2c
1b
1c
1a
1g
digit3
3d
2d
digit2
digit1
4d
digit4
1d
1e
AM
PM
Dynamic mode
COM2
COM1
3g
1e
a
b
c
d
e
f
g
(7 segments)


Similar Part No. - FEDL9098B-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL9098B-01 LAPIS-FEDL9098B-01 Datasheet
167Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
More results

Similar Description - FEDL9098B-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML9098B LAPIS-ML9098B Datasheet
167Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
logo
List of Unclassifed Man...
ML9098B ETC2-ML9098B Datasheet
389Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
ML9098B ETC2-ML9098B Datasheet
389Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
logo
OKI electronic componet...
ML9060 OKI-ML9060 Datasheet
156Kb / 18P
   1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER
logo
LAPIS Semiconductor Co....
ML9484 LAPIS-ML9484 Datasheet
304Kb / 29P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
ML9488 LAPIS-ML9488 Datasheet
320Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9488 ETC2-ML9488 Datasheet
403Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9478C LAPIS-ML9478C Datasheet
323Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9479E ETC2-ML9479E Datasheet
403Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
ML9489 ETC2-ML9489 Datasheet
401Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com