Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEC-7900 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEC-7900
Description  Intel짰 Socket P embedded system with Nvidia MCP7A chipset, dual VGA, DVI and HDMI for high definition video
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-7900 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEC-7900 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-7900 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice.
All brand names and trademarks are the registered properties of their respective owners.
Copyright 2012 Lanner Electronics Inc.
About Lanner
Founded in 1986 and publicly listed (TAIEX 6245) since 2003,
Lanner Electronics Inc. is an ISO 9001 certified designer and
manufacturer of reliable, frontline network security, network
video and applied computing platforms. With headquarters in
Taipei, Taiwan and branches in the U.S. and China, Lanner is
uniquely positioned to deliver custom technical solutions with
localized, value-added service.
Contact information
Lanner Electronics Inc
7F, 173, Section 2 Datong Road
Sijhih City, Taipei County 221, Taiwan
T +886 2 86926060
F +886 2 86926101
E sales@lannerinc.com
W www.lannerinc.com
MECHANICAL DRAWING
FEATURE
DESCRIPTION
LEC-7900
Platform
Form Factor
Embedded System
Processor
Intel Core 2 Duo, Celeron M
(Socket P)
Chipset
Nvidia MCP7A-LP or MCP79
BIOS
AMIBIOS with 8Mbit FWH
Max. FSB
1066MHz
Memory
Memory IC On Board
No
Memory Socket
SODIMM x 2 (up to 2GB per slot)
Max Memory
4GB (2GB Module x 2)
Storage
Compact Flash
CF Socket Type I/II x1
HDD
2.5” SATA HDD support
Networking
Controller (Interface)
RTL8111C(D) (PCIe 1X)
Video
Controller
Nvidia MCP7A-LP
Audio
Codec
ALC888 HD Codec
I/O
COM Ports
RS-232 x 1
DIO
4 Digital In, 4 Digital Out
USB 2.0
4 (External x 4)
Video Grabber / 3G / GPS
Video Grabber (Manufacture
Option)
VGA
2 (1920 x 1440 / 60Hz)
DVI-D
UXGA (1600 x 1200)
HDMI
1 x (1.3 Mode 1920 x 1200)
LAN
RJ45 GbE x 2
Audio
Stereo Line Out (RCA L/R)
Internal CF
1
DC-in Connector Type
Pheonix Contact 2-pin, DC Jack
(MP Version)
Expansion
Mini-PCIe x 1
Mini-PCI x 1
Hardware
Monitor
Controller
Winbond W83627 UHG inte-
grated hardware monitor
Watchdog timer
Yes (1~255 level)
OS Supported
Win XP-32bit/ Windows Vista
Environmental
Parameters
Operating Temperature
(With Industrial Components:
CF, Memory, SSD, HDD)
-10°~55°C / 14°~131°F
Operating Temperature
(With Commercial Components)
-5°C~45°C / 23°~113°F
Extended Operating Tempera-
ture Tested
N/A
Dimensions
W x H x D (mm)
268(W) x 44(H) x 174(D)
W x H x D (Inch)
10.55”(W) x 1.73”(H) x 6.85”(D)
Power
Input (Mode)
DC +12V (ATX Mode)
AC Adapter
AC Adapter D: 75W (+12V)
Compliance
CE, FCC, RoHS
Cooling
System Fan
1 x Smart FAN
ORDERING INFORMATION
LEC-7900D
Embedded System with NVIDIA MCP7A, Dual VGA, DVI-D,
HDMI video out, GbE LAN x2, SATA, CF Socket and Mini-PCIe
Expansion


Similar Part No. - LEC-7900

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-7900D ETC2-LEC-7900D Datasheet
460Kb / 2P
   Intel짰 Socket P embedded system with Nvidia MCP7A chipset, dual VGA, DVI and HDMI for high definition video
More results

Similar Description - LEC-7900

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-7900D ETC2-LEC-7900D Datasheet
460Kb / 2P
   Intel짰 Socket P embedded system with Nvidia MCP7A chipset, dual VGA, DVI and HDMI for high definition video
LEC-7500 ETC2-LEC-7500 Datasheet
638Kb / 2P
   Fanless Intel짰 Atom??1.6Ghz embedded system with HDMI, VGA, DVI-D,COM, Dual LAN, USB and CompactFlash or SATA drive support
logo
Axiomtek Co., Ltd.
EBOX638-842-FL AXIOMTEK-EBOX638-842-FL Datasheet
304Kb / 1P
   Fanless Embedded System with Intel짰 Celeron짰 Processor J1900 2.0 GHz, VGA/HDMI
logo
List of Unclassifed Man...
LEC-7030 ETC2-LEC-7030 Datasheet
262Kb / 2P
   Fanless Intel짰 Atom??1.6Ghz embedded system with 2.5??HDD support, S-video input, VGA, DVI-D and 4 USB ports
EM-F345 ETC2-EM-F345 Datasheet
355Kb / 2P
   Fanless Intel짰 Atom??1.6Ghz embedded system with VGA, DVI-D, Dual LAN, USB, COM with CompactFlash and SATA drive support
logo
Axiomtek Co., Ltd.
CAPA841 AXIOMTEK-CAPA841 Datasheet
395Kb / 1P
   Intel짰 Atom Processor E3845/E3827 3.5 Embedded SBC with LVDS/VGA/HDMI,Dual LANs and Audio
CAPA848 AXIOMTEK-CAPA848_17 Datasheet
255Kb / 1P
   3.5 Embedded SBC with Intel짰 Celeron짰 Processor N2807, LVDS/VGA/HDMI
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
IOGEAR
GUC3020DW6 IOGEAR-GUC3020DW6 Datasheet
168Kb / 3P
   USB 3.0 to DVI/HDMI/VGA External Video Card
logo
Intel Corporation
945GSE INTEL-945GSE Datasheet
208Kb / 2P
   Mobile Intel짰 945GSE Express Chipset for Embedded Computing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com