Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEC-7330-J11A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEC-7330-J11A
Description  Fanless Video Management Platform with Hot-swappable Storage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-7330-J11A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEC-7330-J11A Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-7330-J11A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LEC-7330
Fanless Video Management Platform
with Hot-swappable Storage
Features
Specifications
• Intel® Celeron® J1900/N2930 or
Atom™ E3845
• Hot-swappable Storage
• VGA (1600x1200) & HDMI
(1920x1080) Video-out
• Fanless & Power-conscious
• Dual GbE Ports
Processor System
CPU
Intel® Celeron® J1900/N2930 or Atom™
E3845
Frequency
2GHz (J1900), 1.83GHz (N2930),
1.91GHz (E3845)
Core Number
4C
BIOS
AMI 32bit SPI Flash BIOS
Chipset
-
Fanless
Yes
Memory
Technology
DDR3L 1333MHz
Max. Capacity
4 GB
Socket
1x 204-pin SODIMM
Graphic
Controller
Intel® Integrated Graphics Media
Accelerator
VGA
1x VGA, 1600 x 1200
DVI
-
HDMI
1x HDMI, 1920 x 1080
Audio
Codec
Realtek ALC886
Interface
2x Phone Jack for MIC-in and Line-out
Ethernet
Controller
Intel i210
Speed
10/100/1000 Mbps
Interface
2x RJ45
Storage
Type
PATA
Installation
1x CF Type I/II Socket
Type
SATA
Installation
1x 2.5” or 3.5” HDD/SSD Drive Bay
I/O
Serial Port
2x RS-232/422/485, DB9 male
Digital I/O
2x DI, 2 x DO with +5V TTL
USB 2.0
2x Type A
USB 3.0
1x Type A
Power-On/Reset Button
1x Power On/Off, 1x Reset
Remote Power Switch
Yes
LED
Power/Storage Access/3G
Antenna Hole
2 x SMA Antenna Holes
Expansion Interface
Mini-PCIe
1 x Full-sized Socket with SIM Card Reader
PCI
-
PCI Express x1
-
PCI Express x4
-
Watchdog Timer
Watchdog Timer 1~255 Level Time Interval System Reset, Software Pro-
grammable
Power
Power Type
ATX
Power Supply Voltage
+12 VDC
Connector
DC Jack with Lock
Power Consumption (Idle)
12.3W
Power Consumption (Full
Load)
15.7W
Power Adaptor
AC to DC
AC 90 to 240 VAC Input
DC 12V/5A 60W
Environment
Operating Temperature
0°C~55°C
(with Industrial-grade Components)
Storage Temperature
-20°C~70°C
Relative Humidity
5%~95% (Non-condensing)
Vibration
IEC 60068-2-64, 0.5Grms, random 5 ~500
Hz, 40 mins/axis
Mechanical
Dimension (W x H x D)
200 x 88.4 x 143.8 mm
(7.87” x 3.5” x 5.66”)
Construction
Aluminum
Weight
2.8Kg
Mounting
VESA, Wallmount
Driver Support
Microsoft Windows
Win7, WES7, Win8.1
Linux
Kernal 3.12
Certification
EMC
CE/FCC, Class A
• Dual Serial COM Ports
• High-speed USB Ports
• Integrated SIM Card Reader
• -20°C~55°C Operating
Temperature


Similar Part No. - LEC-7330-J11A

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LEC-7330-J11A LANNER-LEC-7330-J11A Datasheet
324Kb / 2P
   Fanless Video Management Platform with Hot-swappable Storage
More results

Similar Description - LEC-7330-J11A

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LEC-7330 LANNER-LEC-7330 Datasheet
324Kb / 2P
   Fanless Video Management Platform with Hot-swappable Storage
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
LTC4350 LINER-LTC4350_1 Datasheet
241Kb / 18P
   Hot Swappable Load Share Controller
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
ADUM1251 AD-ADUM1251_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com