Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEC-2280P2-7B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEC-2280P2-7B
Description  Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-2280P2-7B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEC-2280P2-7B Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-2280P2-7B Datasheet HTML 2Page - List of Unclassifed Manufacturers LEC-2280P2-7B Datasheet HTML 3Page - List of Unclassifed Manufacturers LEC-2280P2-7B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LEC-2280
Fanless Industrial PC with
3rd Gen Intel® Core
i7/i5/i3 CPU
Intel Ivy Bridge Platform
The 22nm Ivy Bridge processors
outperform its predecessor,
Sandy Bridge, with a 5%~15%
increase in CPU performance
and 25%~68% increase in
integrated GPU performance.
Ivy Bridge processors use 3-D
Tri-Gate transistor technology
which consumes up to 50%
less power than 2-D transistors
at the same performance level.
The customers wish to upgrade
to Ivy Bridge will definitely see
an increase in performance
and a reduction in power
consumption.
Fanless
This IPC’s lifespan is extended
with the removal of the most
easily damaged component, the
fan.
Multi-Screen Support
This platform comes with
multiple video-out ports and
can support separate video
streams on dual displays.
Integrated SIM card reader
Integrated in one of the mini-
PCIe slots, the SIM card reader,
allows for users to enable 3G
use for their IPC.
Features
USB x 2
USB x4
Reset
Power
On/Off
COM x2
Audio
DC In
DVI-D
VGA
Expansion
LAN x 2
HDMI


Similar Part No. - LEC-2280P2-7B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-2280P2-7B ETC2-LEC-2280P2-7B Datasheet
686Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
Lanner All Rights Reser...
LEC-2280P2-7B LANNER-LEC-2280P2-7B Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
More results

Similar Description - LEC-2280P2-7B

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LEC-2280 LANNER-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
List of Unclassifed Man...
LEC-2280P2 ETC2-LEC-2280P2 Datasheet
686Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
LEC-2280E-7BN ETC2-LEC-2280E-7BN Datasheet
198Kb / 2P
   Fanless Industrial PC with 3rd Gen Intel짰 Core i7-3612QE CPU
logo
Advantech Co., Ltd.
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
ARK-3531 ADVANTECH-ARK-3531 Datasheet
885Kb / 2P
   Intel짰 9th Gen / Core??i3/i5/i7/i9 LGA1151 Fanless Box PC
22-Jan-2021
ARK-3510 ADVANTECH-ARK-3510_15 Datasheet
1Mb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 x 2.5" Removable HDD Bays Fanless Box PC
logo
Lanner All Rights Reser...
LEC-2580 LANNER-LEC-2580 Datasheet
338Kb / 2P
   High-performance Box PC with Intel짰 6th Gen Skylake Core??i7/i5/i3 CPU
logo
Protech Systems Co., Lt...
SP-6205 PROTECHSYSTEMS-SP-6205 Datasheet
557Kb / 2P
   Intel짰 Core??3rd Gen. mobile i3/i5/i7 (rPGA-988)processor
logo
Advantech Co., Ltd.
ARK-3500 ADVANTECH-ARK-3500_V01 Datasheet
1Mb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 Expansion slots and wide range power Fanless Box PC
16-Nov-2016
ARK-3500 ADVANTECH-ARK-3500_15 Datasheet
1,004Kb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 Expansion slots and wide range power Fanless Box PC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com